Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2065AFJ Fiches technique(PDF) 1 Page - Rohm

No de pièce BD2065AFJ
Description  High Side Switch ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD2065AFJ Fiches technique(HTML) 1 Page - Rohm

  BD2065AFJ Datasheet HTML 1Page - Rohm BD2065AFJ Datasheet HTML 2Page - Rohm BD2065AFJ Datasheet HTML 3Page - Rohm BD2065AFJ Datasheet HTML 4Page - Rohm BD2065AFJ Datasheet HTML 5Page - Rohm BD2065AFJ Datasheet HTML 6Page - Rohm BD2065AFJ Datasheet HTML 7Page - Rohm BD2065AFJ Datasheet HTML 8Page - Rohm BD2065AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0E3E0H300150-1-2
11.Mar.2013 Rev.001
High Side Switch ICs 1ch
BD2061AFJ
BD2065AFJ
●General Description
Single channel high side switch IC for USB port is a
high side switch having over current protection used in
power supply line of universal serial bus (USB).
N-channel power MOSFET of low on resistance and
low supply current are realized in this IC.
And, over current detection circuit, thermal shutdown
circuit, under voltage lockout and soft start circuit are
built in.
●Features
Low on resistance 80m
Ω N-ch MOSFET Switch.
Continuous current load 1.0A
Control input logic
Active-Low :
BD2061AFJ
Active-High:
BD2065AFJ
Soft start circuit
Over current detection
Thermal shutdown
Under voltage lockout
Open drain error flag output
Reverse-current protection when power switch off
TTL Enable input
1.2ms typical rise time
●Applications
USB hub in consumer appliances, Car accessory, PC,
PC peripheral equipment, and so forth
●Key Specifications
Input voltage range:
2.7V to 5.5V
ON resistance :
80m
Ω(Typ.)
Over current threshold:
1.1A min., 2.3A max.
Standby current:
0.01
μA (Typ.)
Operating temperature range:
-40℃ to +85℃
●Package
W(Typ.)
D(Typ.)
H (Max.)
SOP-J8
4.90mm x 6.00mm x 1.65mm
●Typical Application Circuit
●Lineup
Over current threshold
Control input logic
Package
Orderable Part Number
Min.
Typ.
Max.
1.1A
1.5A
2.3A
Low
SOP-J8
Reel of 2500
BD2061AFJ – E2
1.1A
1.5A
2.3A
High
SOP-J8
Reel of 2500
BD2065AFJ – E2
SOP-J8
OUT
OUT
OUT
IN
IN
/OC
GND
VBUS
D -
D+
GND
5V(typ.)
C
L
C IN
-
+
EN( /EN )


Numéro de pièce similaire - BD2065AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2065AFJ ROHM-BD2065AFJ Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2065AFJ ROHM-BD2065AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2065AFJ-E2 ROHM-BD2065AFJ-E2 Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

Description similaire - BD2065AFJ

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25