Moteur de recherche de fiches techniques de composants électroniques |
|
0-1103429-1 Fiches technique(PDF) 1 Page - Tyco Electronics |
|
0-1103429-1 Fiches technique(HTML) 1 Page - Tyco Electronics |
1 / 4 page Hybrid Connectivity Power4Net Hybrid Connector for Industrial Automation TE Connectivity’s (TE) Power4Net hybrid connector with 8 power and 4 signal contacts has been designed for machine automation applications that require a higher performance data connection and power of up to 10 A. The connector provides highly reliable connection technology and meets the demanding durability and quality requirements of real-time Ethernet applications in industrial automation. Combining power supply and signal into one single connector provides customers with greater flexibility in machine architecture. With VARAN-bus standard compatibility, the connector supports, for example, fast change over times of molds in molding machines, and simplified cabling reduces installation time by up to 50%. |
Numéro de pièce similaire - 0-1103429-1 |
|
Description similaire - 0-1103429-1 |