Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74VHC1GT125DF2G Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce M74VHC1GT125DF2G
Description  Noninverting Buffer CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT125DF2G Fiches technique(HTML) 4 Page - ON Semiconductor

  M74VHC1GT125DF2G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT125DF2G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT125DF2G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT125DF2G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT125DF2G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT125DF2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1GT125
http://onsemi.com
4
SWITCHING WAVEFORMS
Figure 4. Switching Waveforms
Figure 5.
Y
50%
50% VCC
50% VCC
VCC
GND
HIGH
IMPEDANCE
VOL + 0.3V
VOH - 0.3V
Y
Y
OE
tPZL
tPLZ
tPZH tPHZ
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 6. Test Circuit
*Includes all probe and jig capacitance
Figure 7. Test Circuit
OUTPUT
TEST POINT
CL *
1 k
W
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
DEVICE
UNDER
TEST
HIGH
IMPEDANCE
50%
50% VCC
VCC
GND
tPLH
tPHL
A
Figure 8. Input Equivalent Circuit
INPUT
ORDERING INFORMATION
Device
Package
Shipping
M74VHC1GT125DF1G
SC−88A / SOT−353 / SC−70
(Pb−Free)
3000/Tape & Reel
M74VHC1GT125DF2G
M74VHC1GT125DT1G
TSOP−5 / SOT−23 / SC−59
(Pb−Free)
NLVVHC1GT125DF1G*
SC−88A / SOT−353 / SC−70
(Pb−Free)
NLVVHC1GT125DF2G*
NLVVHC1GT125DT1G*
TSOP−5 / SOT−23 / SC−59
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Numéro de pièce similaire - M74VHC1GT125DF2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
M74VHC1GT125DF2G ONSEMI-M74VHC1GT125DF2G Datasheet
89Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
M74VHC1GT125DF2G ONSEMI-M74VHC1GT125DF2G Datasheet
138Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
September, 2012 ??Rev. 14
M74VHC1GT125DF2G ONSEMI-M74VHC1GT125DF2G Datasheet
194Kb / 16P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 18
M74VHC1GT125DF2G ONSEMI-M74VHC1GT125DF2G Datasheet
194Kb / 16P
   MC74VHC1GT125
November, 2018 ??Rev. 18
M74VHC1GT125DF2G ONSEMI-M74VHC1GT125DF2G Datasheet
455Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 21
More results

Description similaire - M74VHC1GT125DF2G

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50 Datasheet
84Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter
March, 2003 - Rev. 11
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_15 Datasheet
83Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
October, 2015 ??Rev. 16
MC74VHCT50A ONSEMI-MC74VHCT50A_11 Datasheet
132Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 7
MC74VHC1GT126 ONSEMI-MC74VHC1GT126 Datasheet
134Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
May, 2012 ??Rev. 15
logo
Leshan Radio Company
L74VHC1G50 LRC-L74VHC1G50 Datasheet
434Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
NL17SHT126 ONSEMI-NL17SHT126 Datasheet
108Kb / 5P
   Noninverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_11 Datasheet
118Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 14
MC74VHC1GT50DTT1G ONSEMI-MC74VHC1GT50DTT1G Datasheet
128Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
February, 2013 ??Rev. 15
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_12 Datasheet
138Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
September, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com