Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2575D2T-005 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce LM2575D2T-005
Description  1.0 A, Adjustable Output Voltage, Step-Down
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575D2T-005 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button LM2575D2T-005 Datasheet HTML 2Page - ON Semiconductor LM2575D2T-005 Datasheet HTML 3Page - ON Semiconductor LM2575D2T-005 Datasheet HTML 4Page - ON Semiconductor LM2575D2T-005 Datasheet HTML 5Page - ON Semiconductor LM2575D2T-005 Datasheet HTML 6Page - ON Semiconductor LM2575D2T-005 Datasheet HTML 7Page - ON Semiconductor LM2575D2T-005 Datasheet HTML 8Page - ON Semiconductor LM2575D2T-005 Datasheet HTML 9Page - ON Semiconductor LM2575D2T-005 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
6
OUTPUT
VOLTAGE
(PIN 2)
OUTPUT
CURRENT
(PIN 2)
INDUCTOR
OUTPUT
RIPPLE
VOLTAGE
100
-50
-50
10 V
-50
0
100
ms/DIV
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
5.0
ms/DIV
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Standby Quiescent Current
Vin, INPUT VOLTAGE (V)
Figure 9. Standby Quiescent Current
Figure 10. Oscillator Frequency
Figure 11. Feedback Pin Current
Figure 12. Switching Waveforms
Figure 13. Load Transient Response
Vin = 12 V
VON/OFF = 5.0 V
TJ = 25°C
-100
1.0 A
1.0
40
0
2.0
0.5
20
1.0 A
0
120
0
0
100
0.5 A
-2.0
100
-40
80
-4.0
60
40
20 mV
-8.0
20
0
-10
0
0
0
40
80
120
60
20
-6.0
/DIV
-20
-25
-25
-25
5.0
0
0
0
10
25
25
25
15
50
50
50
20
75
75
75
25
100
100
100
30
125
125
125
40
35
Vin = 12 V
Normalized at 25
°C
Adjustable
Version Only
CURRENT


Numéro de pièce similaire - LM2575D2T-005

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM2575D2T-012G ONSEMI-LM2575D2T-012G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575D2T-012G ONSEMI-LM2575D2T-012G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575D2T-015 ONSEMI-LM2575D2T-015 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2575D2T-015G ONSEMI-LM2575D2T-015G Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2575D2T-015G ONSEMI-LM2575D2T-015G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
More results

Description similaire - LM2575D2T-005

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
Motorola, Inc
LM2575 MOTOROLA-LM2575 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
ON Semiconductor
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
   1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com