Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25640 Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce CAT25640
Description  64-Kb SPI Serial CMOS EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25640 Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button CAT25640 Datasheet HTML 3Page - ON Semiconductor CAT25640 Datasheet HTML 4Page - ON Semiconductor CAT25640 Datasheet HTML 5Page - ON Semiconductor CAT25640 Datasheet HTML 6Page - ON Semiconductor CAT25640 Datasheet HTML 7Page - ON Semiconductor CAT25640 Datasheet HTML 8Page - ON Semiconductor CAT25640 Datasheet HTML 9Page - ON Semiconductor CAT25640 Datasheet HTML 10Page - ON Semiconductor CAT25640 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CAT25640
http://onsemi.com
7
Status Register
The Status Register, as shown in Table 10, contains a
number of status and control bits.
The RDY (Ready) bit indicates whether the device is busy
with a write operation. This bit is automatically set to 1 during
an internal write cycle, and reset to 0 when the device is ready
to accept commands. For the host, this bit is read only.
The WEL (Write Enable Latch) bit is set/reset by the
WREN/WRDI commands. When set to 1, the device is in a
Write Enable state and when set to 0, the device is in a Write
Disable state.
The BP0 and BP1 (Block Protect) bits determine which
blocks are currently write protected. They are set by the user
with the WRSR command and are non−volatile. The user is
allowed to protect a quarter, one half or the entire memory,
by setting these bits according to Table 11. The protected
blocks then become read−only.
The WPEN (Write Protect Enable) bit acts as an enable for
the WP pin. Hardware write protection is enabled when the
WP pin is low and the WPEN bit is 1. This condition
prevents writing to the status register and to the block
protected sections of memory. While hardware write
protection is active, only the non−block protected memory
can be written. Hardware write protection is disabled when
the WP pin is high or the WPEN bit is 0. The WPEN bit, WP
pin and WEL bit combine to either permit or inhibit Write
operations, as detailed in Table 12.
Table 10. STATUS REGISTER
7
6
5
4
3
2
1
0
WPEN
0
0
0
BP1
BP0
WEL
RDY
Table 11. BLOCK PROTECTION BITS
Status Register Bits
Array Address Protected
Protection
BP1
BP0
0
0
None
No Protection
0
1
1800−1FFF
Quarter Array Protection
1
0
1000−1FFF
Half Array Protection
1
1
0000−1FFF
Full Array Protection
Table 12. WRITE PROTECT CONDITIONS
WPEN
WP
WEL
Protected Blocks
Unprotected Blocks
Status Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable


Numéro de pièce similaire - CAT25640

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25640 CATALYST-CAT25640 Datasheet
233Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
CAT25640 ONSEMI-CAT25640 Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25640HU3E-GT3 ONSEMI-CAT25640HU3E-GT3 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
More results

Description similaire - CAT25640

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT25640 CATALYST-CAT25640 Datasheet
233Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com