Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25640VI Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce CAT25640VI
Description  64-Kb SPI Serial CMOS EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25640VI Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button CAT25640VI Datasheet HTML 6Page - ON Semiconductor CAT25640VI Datasheet HTML 7Page - ON Semiconductor CAT25640VI Datasheet HTML 8Page - ON Semiconductor CAT25640VI Datasheet HTML 9Page - ON Semiconductor CAT25640VI Datasheet HTML 10Page - ON Semiconductor CAT25640VI Datasheet HTML 11Page - ON Semiconductor CAT25640VI Datasheet HTML 12Page - ON Semiconductor CAT25640VI Datasheet HTML 13Page - ON Semiconductor CAT25640VI Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CAT25640
http://onsemi.com
10
Write Status Register
The Status Register is written by sending a WRSR
instruction according to timing shown in Figure 7. Only bits
2, 3 and 7 can be written using the WRSR command.
Write Protection
The Write Protect (WP) pin can be used to protect the
Block Protect bits BP0 and BP1 against being inadvertently
altered. When WP is low and the WPEN bit is set to “1”,
write operations to the Status Register are inhibited. WP
going low while CS is still low will interrupt a write to the
status register. If the internal write cycle has already been
initiated, WP going low will have no effect on any write
operation to the Status Register. The WP pin function is
blocked when the WPEN bit is set to “0”. The WP input
timing is shown in Figure 8.
Figure 7. WRSR Timing
01
2
3
4
5
6
7
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
7
6
5
4
3
2
10
00
0
0
0
0
0
1
OPCODE
Dashed Line = mode (1, 1)
CS
Figure 8. WP Timing
SCK
WP
Dashed Line = mode (1, 1)
WP
CS
tWPH
tWPS


Numéro de pièce similaire - CAT25640VI

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25640VI-G ONSEMI-CAT25640VI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT25640VI-GT3 CATALYST-CAT25640VI-GT3 Datasheet
233Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25640VI-GT3 ONSEMI-CAT25640VI-GT3 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
CAT25640VI-GT3 ONSEMI-CAT25640VI-GT3 Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640VI-GT3 ONSEMI-CAT25640VI-GT3 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
More results

Description similaire - CAT25640VI

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT25640 CATALYST-CAT25640 Datasheet
233Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com