Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25512 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce CAT25512
Description  512-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25512 Fiches technique(HTML) 2 Page - ON Semiconductor

  CAT25512 Datasheet HTML 1Page - ON Semiconductor CAT25512 Datasheet HTML 2Page - ON Semiconductor CAT25512 Datasheet HTML 3Page - ON Semiconductor CAT25512 Datasheet HTML 4Page - ON Semiconductor CAT25512 Datasheet HTML 5Page - ON Semiconductor CAT25512 Datasheet HTML 6Page - ON Semiconductor CAT25512 Datasheet HTML 7Page - ON Semiconductor CAT25512 Datasheet HTML 8Page - ON Semiconductor CAT25512 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT25512
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Operating Temperature
−45 to +130
°C
Storage Temperature
−65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
−0.5 to +6.5
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3, 4)
Endurance
1,000,000
Program / Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C.
4. The device uses ECC (Error Correction Code) logic with 6 ECC bits to correct one bit error in 4 data bytes. Therefore, when a single byte
has to be written, 4 bytes (including the ECC bits) are re−programmed. It is recommended to write by multiple of 4 bytes in order to benefit
from the maximum number of write cycles.
Table 3. D. C. OPERATING CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Supply Current
(Read Mode)
Read, SO open /
−40°C to +85°C
VCC = 1.8 V, fSCK = 5 MHz
1.2
mA
VCC = 2.5 V, fSCK = 10 MHz
1.8
mA
VCC = 5.5 V, fSCK = 20 MHz
3
mA
Read, SO open /
−40°C to +125°C
2.5 V < VCC < 5.5 V,
fSCK = 10 MHz
3
mA
ICCW
Supply Current
(Write Mode)
Write, CS = VCC/
−40°C to +85°C
1.8 V < VCC < 5.5 V
2
mA
Write, CS = VCC/
−40°C to +125°C
2.5 V < VCC < 5.5 V
2
mA
ISB1
Standby Current
VIN = GND or VCC,
CS = VCC, WP = VCC,
HOLD = VCC,
VCC = 5.5 V
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
3
ISB2
Standby Current
VIN = GND or VCC,
CS = VCC, WP = GND,
HOLD = GND,
VCC = 5.5 V
TA = −40°C to +85°C
3
mA
TA = −40°C to +125°C
5
mA
IL
Input Leakage Current
VIN = GND or VCC
−2
2
mA
ILO
Output Leakage
Current
CS = VCC
VOUT = GND or VCC
−2
2
mA
VIL1
Input Low Voltage
VCC ≥ 2.5 V
−0.5
0.3VCC
V
VIH1
Input High Voltage
VCC ≥ 2.5 V
0.7VCC
VCC + 0.5
V
VIL2
Input Low Voltage
VCC < 2.5 V
−0.5
0.25VCC
V
VIH2
Input High Voltage
VCC < 2.5 V
0.75VCC
VCC + 0.5
V
VOL1
Output Low Voltage
VCC ≥ 2.5 V, IOL = 3.0 mA
0.4
V
VOH1
Output High Voltage
VCC ≥ 2.5 V, IOH = −1.6 mA
VCC − 0.8V
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 150 mA
0.2
V
VOH2
Output High Voltage
VCC < 2.5 V, IOH = −100 mA
VCC − 0.2V
V


Numéro de pièce similaire - CAT25512

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25512 ONSEMI-CAT25512 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
CAT25512 ONSEMI-CAT25512 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
CAT25512C8ATR ONSEMI-CAT25512C8ATR Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
CAT25512HU5E-GT3 ONSEMI-CAT25512HU5E-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAT25512HU5E-GT3 ONSEMI-CAT25512HU5E-GT3 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
More results

Description similaire - CAT25512

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAV25512 ONSEMI-CAV25512_16 Datasheet
121Kb / 14P
   512-Kb SPI Serial CMOS EEPROM
September, 2016 ??Rev. 4
CAV25512H ONSEMI-CAV25512H Datasheet
100Kb / 12P
   512-Kb SPI Serial CMOS EEPROM
July, 2016 ??Rev. 0
CAV25512VE-GT3 ONSEMI-CAV25512VE-GT3 Datasheet
174Kb / 13P
   512-Kb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAT25512YI-GT3 ONSEMI-CAT25512YI-GT3 Datasheet
206Kb / 16P
   512-Kb SPI Serial CMOS EEPROM
November, 2012 ??Rev. 3
CAT25512 ONSEMI-CAT25512_16 Datasheet
150Kb / 17P
   512-Kb SPI Serial CMOS EEPROM
March, 2016 ??Rev. 9
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
CAT24C512 ONSEMI-CAT24C512_15 Datasheet
145Kb / 17P
   512 Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 7
CAV24C512 ONSEMI-CAV24C512 Datasheet
120Kb / 13P
   512 kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C512_1111 ONSEMI-CAT24C512_1111 Datasheet
193Kb / 16P
   512 kb I2C CMOS Serial EEPROM
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com