Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2315BDS Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI2315BDS
Description  P-Channel 1.8-V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2315BDS Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI2315BDS Datasheet HTML 1Page - Vishay Siliconix SI2315BDS Datasheet HTML 2Page - Vishay Siliconix SI2315BDS Datasheet HTML 3Page - Vishay Siliconix SI2315BDS Datasheet HTML 4Page - Vishay Siliconix SI2315BDS Datasheet HTML 5Page - Vishay Siliconix SI2315BDS Datasheet HTML 6Page - Vishay Siliconix SI2315BDS Datasheet HTML 7Page - Vishay Siliconix SI2315BDS Datasheet HTML 8Page - Vishay Siliconix SI2315BDS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si2315BDS
Document Number: 72014
S-80642-Rev. E, 24-Mar-08
www.vishay.com
1
P-Channel 1.8-V (G-S) MOSFET
FEATURES
Halogen-free Option Available
TrenchFET® Power MOSFETs: 1.8 V Rated
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 12
0.050 at VGS = - 4.5 V
- 3.85
0.065 at VGS = - 2.5 V
- 3.4
0.100 at VGS = - 1.8V
- 2.7
Ordering Information: Si2315BDS-T1
Si2315BDS-T1-E3 (Lead (Pb)-free)
Si2315BDS-T1-GE3 (Lead (Pb)-free and Halogen-free)
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Si2315BDS *(M5)
* Marking Code
Notes:
a. Surface Mounted on FR4 board.
b. t
≤ 5 s.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 3.85
- 3.0
A
TA = 70 °C
- 3.0
- 2.45
Pulsed Drain Currenta
IDM
- 12
Continuous Source Current (Diode Conduction)a
IS
- 1.0
- 0.62
Power Dissipationa
TA = 25 °C
PD
1.19
0.75
W
TA = 70 °C
0.76
0.48
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
85
105
°C/W
Steady State
130
166
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
60
75
Available
Pb-free
RoHS*
COMPLIANT


Numéro de pièce similaire - SI2315BDS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2315BDS VISHAY-SI2315BDS Datasheet
61Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 13-Oct-03
logo
Guangdong Kexin Industr...
SI2315BDS KEXIN-SI2315BDS Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
logo
Vishay Siliconix
SI2315BDS VISHAY-SI2315BDS Datasheet
219Kb / 9P
   P-Channel 1.8-V (G-S) MOSFET
Rev. E, 24-Mar-08
logo
Inchange Semiconductor ...
SI2315BDS ISC-SI2315BDS Datasheet
311Kb / 3P
   isc P-Channel MOSFET Transistor
logo
Vishay Siliconix
SI2315BDS VISHAY-SI2315BDS Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results

Description similaire - SI2315BDS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com