Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF640NPBF Fiches technique(PDF) 3 Page - Kersemi Electronic Co., Ltd.

No de pièce IRF640NPBF
Description  Advanced Process Technology Dynamic dv/dt Rating 175 Operating Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF640NPBF Fiches technique(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRF640NPBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF640NPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRF640NPbF/SPbF/LPbF
3
0.01
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 175 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
4.0
5.0
6.0
7.0
8.0
9.0
10.0
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 175 C
J
°
-60 -40 -20 0 20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
18A
Fig 4. Normalized On-Resistance
Vs. Temperature
www.kersemi.com


Numéro de pièce similaire - IRF640NPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF640NPBF IRF-IRF640NPBF Datasheet
300Kb / 12P
   HEXFET짰 Power MOSFET
IRF640NPBF IRF-IRF640NPBF Datasheet
341Kb / 11P
   Advanced Process Technology
IRF640NPBF IRF-IRF640NPBF Datasheet
341Kb / 11P
   Advanced Process Technology
IRF640NPBF IRF-IRF640NPBF_15 Datasheet
341Kb / 11P
   Advanced Process Technology
More results

Description similaire - IRF640NPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFP150MPBF IRF-IRFP150MPBF Datasheet
1Mb / 8P
   Advanced Process Technology, Dynamic dv/dt Rating
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Kersemi Electronic Co.,...
IRFR224PBF KERSEMI-IRFR224PBF Datasheet
4Mb / 10P
   Dynamic dv/dt Rating
logo
International Rectifier
IRLL2705TRPBF IRF-IRLL2705TRPBF Datasheet
231Kb / 9P
   DYNAMIC DV/DT RATING
logo
Kersemi Electronic Co.,...
IRFR9220TRR KERSEMI-IRFR9220TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
logo
List of Unclassifed Man...
AUIRF1404S ETC2-AUIRF1404S Datasheet
233Kb / 13P
   Dynamic dV/dT Rating
logo
Infineon Technologies A...
AUIRFR2407 INFINEON-AUIRFR2407 Datasheet
569Kb / 10P
   Dynamic dV/dT Rating
2015-11-23
logo
Vishay Telefunken
SIHFZ34 TFUNK-SIHFZ34 Datasheet
1Mb / 9P
   Dynamic dV/dt Rating
logo
Kersemi Electronic Co.,...
IRFR420PBF KERSEMI-IRFR420PBF Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
IRFR420TRR KERSEMI-IRFR420TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com