Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF630PBF Fiches technique(PDF) 6 Page - Kersemi Electronic Co., Ltd.

No de pièce IRF630PBF
Description  Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF630PBF Fiches technique(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  IRF630PBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF630PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF630PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF630PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF630PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF630PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF630PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF630PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF630, SiHF630
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
600
0
100
200
300
400
500
25
150
125
100
75
50
Starting TJ, Junction Temperature (°C)
Bottom
Top
I
D
4.0 A
5.7 A
9.0 A
V
DD = 50 V
91031_12c
Q
GS
Q
GD
Q
G
VG
Charge
10 V
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-
www.kersemi.com


Numéro de pièce similaire - IRF630PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
logo
Vishay Siliconix
IRF630PBF VISHAY-IRF630PBF Datasheet
579Kb / 8P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Thinki Semiconductor Co...
IRF630PBF THINKISEMI-IRF630PBF Datasheet
1Mb / 6P
   9A,200V Heatsink N-Channel Type Power MOSFET
logo
VBsemi Electronics Co.,...
IRF630PBF VBSEMI-IRF630PBF Datasheet
1Mb / 6P
   N-Channel 200 V (D-S) MOSFET
More results

Description similaire - IRF630PBF

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
IRF540PBF KERSEMI-IRF540PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFBE30 KERSEMI-IRFBE30 Datasheet
1Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF640PBF KERSEMI-IRF640PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
IRF9Z34 KERSEMI-IRF9Z34 Datasheet
7Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated P-Channel
logo
International Rectifier
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFE330 IRF-IRFE330 Datasheet
133Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRF240 IRF-IRF240 Datasheet
149Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRHM7360 IRF-IRHM7360 Datasheet
332Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com