Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8099ACPN-EBZ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8099ACPN-EBZ
Description  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8099ACPN-EBZ Fiches technique(HTML) 4 Page - Analog Devices

  AD8099ACPN-EBZ Datasheet HTML 1Page - Analog Devices AD8099ACPN-EBZ Datasheet HTML 2Page - Analog Devices AD8099ACPN-EBZ Datasheet HTML 3Page - Analog Devices AD8099ACPN-EBZ Datasheet HTML 4Page - Analog Devices AD8099ACPN-EBZ Datasheet HTML 5Page - Analog Devices AD8099ACPN-EBZ Datasheet HTML 6Page - Analog Devices AD8099ACPN-EBZ Datasheet HTML 7Page - Analog Devices AD8099ACPN-EBZ Datasheet HTML 8Page - Analog Devices AD8099ACPN-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
AD8099
Rev. D | Page 3 of 28
SPECIFICATIONS
SPECIFICATIONS WITH ±5 V SUPPLY
TA = 25°C, G = +2, RL = 1 kΩ to ground, unless otherwise noted. Refer to Figure 60 through Figure 66 for component values and
gain configurations.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +5, VOUT = 0.2 V p-p
450
510
MHz
G = +5, VOUT = 2 V p-p
205
235
MHz
Bandwidth for 0.1 dB Flatness (SOIC/LFCSP)
G = +2, VOUT = 0.2 V p-p
34/25
MHz
Slew Rate
G = +10, VOUT = 6 V Step
1120
1350
V/µs
G = +2, VOUT = 2 V Step
435
470
V/µs
Settling Time to 0.1%
G = +2, VOUT = 2 V Step
18
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (dBc) HD2/HD3
fC = 500 kHz, VOUT = 2 V p-p, G = +10
–102/–111
dBc
fC = 10 MHz, VOUT = 2 V p-p, G = +10
–84/–92
dBc
Input Voltage Noise
f = 100 kHz
0.95
nV/√Hz
Input Current Noise
f = 100 kHz, DISABLE pin floating
2.6
pA/√Hz
f = 100 kHz, DISABLE pin = +VS
5.2
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
0.1
0.5
mV
Input Offset Voltage Drift
2.3
µV/°C
Input Bias Current
DISABLE pin floating
–6
–13
µA
DISABLE pin = +VS
–0.1
–2
µA
Input Bias Current Drift
3
nA/°C
Input Bias Offset Current
0.06
1
µA
Open-Loop Gain
82
85
dB
INPUT CHARACTERISTICS
Input Resistance
Differential mode
4
kΩ
Common mode
10
MΩ
Input Capacitance
2
pF
Input Common-Mode Voltage Range
–3.7 to +3.7
V
Common-Mode Rejection Ratio
VCM = ±2.5 V
98
105
dB
DISABLE PIN
DISABLE Input Voltage
Output disabled
<2.4
V
Turn-Off Time
50% of DISABLE to < 10% of final VOUT,
VIN = 0.5 V, G = +2
105
ns
Turn-On Time
50% of DISABLE to < 10% of final VOUT,
VIN = 0.5 V, G = +2
39
ns
Enable Pin Leakage Current
DISABLE =+5 V
17
21
µA
DISABLE Pin Leakage Current
DISABLE = –5 V
35
44
µA
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time (Rise/Fall)
VIN = -2.5 V to 2.5 V, G =+2
30/50
ns
Output Voltage Swing
RL = 100 Ω
–3.4 to +3.5
–3.6 to +3.7
V
RL = 1 kΩ
–3.7 to +3.7
–3.8 to +3.8
V
Short-Circuit Current
Sinking and sourcing
131/178
mA
Off Isolation
f = 1 MHz, DISABLE = low
–61
dB
POWER SUPPLY
Operating Range
±5
±6
V
Quiescent Current
15
16
mA
Quiescent Current (Disabled)
DISABLE = Low
1.7
2
mA
Positive Power Supply Rejection Ratio
+VS = 4 V to 6 V, –VS = –5 V (input referred)
85
91
dB
Negative Power Supply Rejection Ratio
+VS = 5 V, –VS = –6 V to –4 V (input referred)
86
94
dB


Numéro de pièce similaire - AD8099ACPN-EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8099ACP-R2 AD-AD8099ACP-R2 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ACP-REEL AD-AD8099ACP-REEL Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ACP-REEL7 AD-AD8099ACP-REEL7 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ACPZ-R2 AD-AD8099ACPZ-R2 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
AD8099ACPZ-REEL AD-AD8099ACPZ-REEL Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
More results

Description similaire - AD8099ACPN-EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
   Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
REV. B
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
AD8045 AD-AD8045_16 Datasheet
519Kb / 26P
   3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
AD8045 AD-AD8045 Datasheet
667Kb / 24P
   3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
AD8045 AD-AD8045_15 Datasheet
709Kb / 25P
   3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
   Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
REV. A
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com