Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2013D Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2013D
Description  POWER-DISTRIBUTION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2013D Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS2013D Datasheet HTML 3Page - Texas Instruments TPS2013D Datasheet HTML 4Page - Texas Instruments TPS2013D Datasheet HTML 5Page - Texas Instruments TPS2013D Datasheet HTML 6Page - Texas Instruments TPS2013D Datasheet HTML 7Page - Texas Instruments TPS2013D Datasheet HTML 8Page - Texas Instruments TPS2013D Datasheet HTML 9Page - Texas Instruments TPS2013D Datasheet HTML 10Page - Texas Instruments TPS2013D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 1. Propagation Delay and
Rise Time With 1-
µF Load, VI(IN) = 5.5 V
01
2
3
45
67
89
t – Time – ms
6
4
2
0
6
4
2
0
–1
Figure 2. Propagation Delay and
Fall Time With 1-
µF Load, VI(IN) = 5.5 V
0
5
10
15
20
25
30
35
40
45
t – Time – ms
6
4
2
0
6
4
2
0
–1
Figure 3. Propagation Delay and
Rise Time With 1-
µF Load, VI(IN) = 2.7 V
01
2
3
45
67
89
t – Time – ms
4
2
0
4
2
0
–1
Figure 4. Propagation Delay and
Fall Time With 1-
µF Load, VI(IN) = 2.7 V
0
5
10
15
20
25
30
35
40
45
t – Time – ms
4
2
0
4
2
0
–1


Numéro de pièce similaire - TPS2013D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2013D TI-TPS2013D Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2013D TI1-TPS2013D Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2013DG4 TI1-TPS2013DG4 Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2013DRG4 TI1-TPS2013DRG4 Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
More results

Description similaire - TPS2013D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
[Old version datasheet]   POWER-DISTRIBUTION
logo
List of Unclassifed Man...
3-553079-1 ETC2-3-553079-1 Datasheet
78Kb / 1P
   POWER DISTRIBUTION
logo
Texas Instruments
TPS2010 TI1-TPS2010_16 Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com