Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMA210-115 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce KMA210-115
Description  Programmable angle sensor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA210-115 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button KMA210-115 Datasheet HTML 6Page - NXP Semiconductors KMA210-115 Datasheet HTML 7Page - NXP Semiconductors KMA210-115 Datasheet HTML 8Page - NXP Semiconductors KMA210-115 Datasheet HTML 9Page - NXP Semiconductors KMA210-115 Datasheet HTML 10Page - NXP Semiconductors KMA210-115 Datasheet HTML 11Page - NXP Semiconductors KMA210-115 Datasheet HTML 12Page - NXP Semiconductors KMA210-115 Datasheet HTML 13Page - NXP Semiconductors KMA210-115 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
KMA210
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 7 December 2011
10 of 37
NXP Semiconductors
KMA210
Programmable angle sensor
Table 11.
Power-on reset
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth(on)
switch-on threshold
voltage
analog output switches on, if
VDD >Vth(on)
-
4.30
4.45
V
Vth(off)
switch-off threshold
voltage
analog output switches off, if
VDD <Vth(off)
3.90
4.10
-
V
Vhys
hysteresis voltage
Vhys =Vth(on)  Vth(off)
0.1
0.2
-
V
VPOR
power-on reset voltage
IC is initialized
-
3.3
3.6
V
Vth(ov)
overvoltage threshold
voltage
analog output switches off, if
VDD >Vth(ov)
6.5
7.5
8.0
V
Vhys(ov)
overvoltage hysteresis
voltage
0.1
0.3
-
V
Table 12.
Module performance
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
res
angle resolution
[1] -
-
0.04
deg
max
maximum angle
programmable angular range
for V(CL)u  V(CL)l  80 %VDD
[2] 5
-
180
deg
ref
reference angle
programmable zero angle
[2] 0
-
180
deg
VO(nom)
nominal output voltage
at full supply operating range
5
-
95
%VDD
VO(udr)
upper diagnostic range
output voltage
[3][4][5] 96
-
100
%VDD
VO(ldr)
lower diagnostic range
output voltage
[3][4][5] 0-
4%VDD
V(CL)u
upper clamping voltage
[4][5][6] 40
-
95
%VDD
V(CL)l
lower clamping voltage
[4][5][6] 5-
30.5
%VDD
V
(CL)
clamping voltage variation
deviation from programmed
value
[4][5]
0.3
-
+0.3
%VDD
Vn(o)(RMS)
RMS output noise voltage
equivalent power noise
[1][4] -0.4
2.5
mV

lin
linearity error
temperature range
40 Cto+160 C
[4][7]
1.2
-
+1.2
deg
temperature range
40 Cto+140 C
[4][7]
1
-
+1
deg

temp
temperature drift error
temperature range
40 Cto+160 C
[1][4][7]
[8]
-
-
0.8
deg
temperature range
40 Cto+140 C
[1][4][7]
[8]
-
-
0.65
deg

temp
RT
temperature drift error at
room temperature
temperature range
40 Cto+160 C
[7][8][9] -
-
0.65
deg
temperature range
40 Cto+140 C
[7][8][9] -
-
0.55
deg

hys
hysteresis error
referred to input
[4][7] -
-
0.09
deg
lin
microlinearity error
referred to input
[4][7]
0.1
-
+0.1
deg


Numéro de pièce similaire - KMA210-115

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
KMA215 NXP-KMA215 Datasheet
443Kb / 50P
   Programmable angle sensor with SAE J2716 SENT
Rev. 1-24 February 2014
More results

Description similaire - KMA210-115

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
   Programmable angle sensor
Rev. 01-18 October 2007
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
   Programmable angle sensor
Rev. 05-16 August 2005
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
   Programmable angle sensor
Rev. 1-16 July 2013
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
   Programmable angle sensor
Rev. 01-26 April 2010
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
   Programmable angle sensor
Rev. 07-18 July 2008
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
logo
Micronas
HAL3625 MICRONAS-HAL3625 Datasheet
215Kb / 2P
   Programmable Direct Angle Sensor
logo
NXP Semiconductors
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
   Programmable angle sensor IC
Rev. 3-27 February 2019
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
   Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
   Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com