Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC3578IPWR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC3578IPWR
Description  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3578IPWR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TLC3578IPWR Datasheet HTML 2Page - Texas Instruments TLC3578IPWR Datasheet HTML 3Page - Texas Instruments TLC3578IPWR Datasheet HTML 4Page - Texas Instruments TLC3578IPWR Datasheet HTML 5Page - Texas Instruments TLC3578IPWR Datasheet HTML 6Page - Texas Instruments TLC3578IPWR Datasheet HTML 7Page - Texas Instruments TLC3578IPWR Datasheet HTML 8Page - Texas Instruments TLC3578IPWR Datasheet HTML 9Page - Texas Instruments TLC3578IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
6
WWW.TI.COM
general electrical characteristics over recommended operating free-air temperature range, single-
ended input, normal long sampling, 200 KSPS, AVDD = 5 V, VREFP = 4 V, VREFM = 0 V,
SCLK frequency = 25 MHz, fixed channel at CONV mode 00, analog input signal source
resistance = 25
Ω (unless otherwise noted)
TLC3574/78 and TLC2574/78
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Resolution
14
bits
Analog Input
Voltage range
−10
10
V
Selected analog input channel bias current
Selected channel at 10 V
0.8
1.6
mA
Selected analog input channel bias current
Selected channel at –10 V
−1.6
−1.2
mA
Impedance
10
k
Capacitance
30
pF
Reference
VREFP
Positive reference voltage
3.96
4
4.04
V
VREFM
Negative reference voltage
0
AGND
V
Input impedance
No conversion (AVDD = 5V, CS= DVDD,
SCLK=DGND)
100
M
Input impedance
Normal long sampling (AVDD = 5V, CS=DGND,
SCLK = 25 MHz, External conversion clock)
8.3
12.5
k
No conversion (AVDD = 5 V,
SCLK = DGND, CS = DVDD)
1.5
µA
Reference current
Normal long sampling (AVDD = 5 V, CS = DGND,
External conversion clock, SCLK = 25 MHz,
VREF = 5 V)
0.4
0.6
mA
Internal oscillation frequency
DVDD = 2.7 V – 5.5 V
6.5
MHz
Internal OSC, 6.5 MHz minimum
TLC3574/78
2.785
t(conv)
Conversion time
Internal OSC, 6.5 MHz minimum
TLC2574/78
2.015
S
t(conv)
Conversion time
Conversion clock is external source,
TLC3574/78
2.895
µS
Conversion clock is external source,
SCLK = 25 MHz (see Note 1)
TLC2574/78
2.095
Acquisition time
Normal short sampling
1.2
µS
Throughput rate (see Note 2)
Normal long sampling, fixed channel
in mode 00 or 01
200
KSPS
† All typical values are at TA = 25°C.
NOTES:
1. Conversion time t(conv) is (18 × 4 × SCLK) + 15 ns for TLC3574/78. Conversion time is (13 × 4 × SCLK) + 15 ns for TLC2574/78.
2. This is for a fixed channel in conversion mode 00 or 01. When switching the channels, additional multiplexer setting time is required
to overcome the memory effect of the charge redistribution DAC.


Numéro de pièce similaire - TLC3578IPWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC3578IPWR TI-TLC3578IPWR Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3578IPWR TI1-TLC3578IPWR Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
TLC3578IPWRG4 TI-TLC3578IPWRG4 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3578IPWRG4 TI1-TLC3578IPWRG4 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
More results

Description similaire - TLC3578IPWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
[Old version datasheet]   5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com