Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G125GX Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74LVC1G125GX
Description  Bus buffer/line driver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G125GX Fiches technique(HTML) 1 Page - NXP Semiconductors

  74LVC1G125GX Datasheet HTML 1Page - NXP Semiconductors 74LVC1G125GX Datasheet HTML 2Page - NXP Semiconductors 74LVC1G125GX Datasheet HTML 3Page - NXP Semiconductors 74LVC1G125GX Datasheet HTML 4Page - NXP Semiconductors 74LVC1G125GX Datasheet HTML 5Page - NXP Semiconductors 74LVC1G125GX Datasheet HTML 6Page - NXP Semiconductors 74LVC1G125GX Datasheet HTML 7Page - NXP Semiconductors 74LVC1G125GX Datasheet HTML 8Page - NXP Semiconductors 74LVC1G125GX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74LVC1G125 provides one non-inverting buffer/line driver with 3-state output.
The 3-state output is controlled by the output enable input (OE). A HIGH-level at pin OE
causes the output to assume a high-impedance OFF-state.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device
when it is powered down.
2.
Features and benefits
Wide supply voltage range from 1.65 V to 5.5 V
High noise immunity
Complies with JEDEC standard:
JESD8-7 (1.65 V to 1.95 V)
JESD8-5 (2.3 V to 2.7 V)
JESD8-B/JESD36 (2.7 V to 3.6 V)
24 mA output drive (V
CC =3.0 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
CMOS low power consumption
Inputs accept voltages up to 5 V
Latch-up performance exceeds 250 mA
Direct interface with TTL levels
Multiple package options
Specified from
40 Cto+85 C and 40 Cto+125 C
74LVC1G125
Bus buffer/line driver; 3-state
Rev. 11 — 2 July 2012
Product data sheet


Numéro de pièce similaire - 74LVC1G125GX

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G125GX PHILIPS-74LVC1G125GX Datasheet
374Kb / 20P
   Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
logo
Nexperia B.V. All right...
74LVC1G125GX NEXPERIA-74LVC1G125GX Datasheet
273Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 15 - 19 January 2022
More results

Description similaire - 74LVC1G125GX

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com