Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS20SM100SFP Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STPS20SM100SFP
Description  Power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM100SFP Fiches technique(HTML) 5 Page - STMicroelectronics

  STPS20SM100SFP Datasheet HTML 1Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 2Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 3Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 4Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 5Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 6Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 7Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 8Page - STMicroelectronics STPS20SM100SFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STPS20SM100S
Characteristics
Doc ID 15524 Rev 2
5/11
Figure 11.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 12.
Forward voltage drop versus
forward current (terminals 1 and 3
short circuited)
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under tab for D2PAK
Figure 14.
Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
100
1000
10000
1
10
100
F=1MHz
VOSC=30mVRMS
Tj=25°C
VR(V)
C(pF)
IFM(A)
0
10
20
30
40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
V
(V)
FM
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S(cm²)
R
(°C/W)
th(j-a)
Epoxy printed board FR4, copper thickness = 35 µm)
28
30
32
34
36
38
40
42
44
46
100
110
120
130
140
150
Iarm (A)
Varm (V)
Operating area
Forbidden area


Numéro de pièce similaire - STPS20SM100SFP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPS20SM100S STMICROELECTRONICS-STPS20SM100S Datasheet
152Kb / 11P
   Power Schottky rectifier
More results

Description similaire - STPS20SM100SFP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com