Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP82050 Fiches technique(PDF) 10 Page - InnovASIC, Inc

No de pièce TP82050
Description  Asynchronous Serial Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

TP82050 Fiches technique(HTML) 10 Page - InnovASIC, Inc

Back Button TP82050 Datasheet HTML 6Page - InnovASIC, Inc TP82050 Datasheet HTML 7Page - InnovASIC, Inc TP82050 Datasheet HTML 8Page - InnovASIC, Inc TP82050 Datasheet HTML 9Page - InnovASIC, Inc TP82050 Datasheet HTML 10Page - InnovASIC, Inc TP82050 Datasheet HTML 11Page - InnovASIC, Inc TP82050 Datasheet HTML 12Page - InnovASIC, Inc TP82050 Datasheet HTML 13Page - InnovASIC, Inc TP82050 Datasheet HTML 14Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IA82050
Data Sheet
Asynchronous Serial Controller
February 25, 2011
IA211030617-08
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 10 of 22
1-888-824-4184
®
3.4
Register Description
Table 1 presents the register summary.
Table 1. Register Summary
Register
ADDR
DLAB
Mode
Default
BAH
001
1
R/W
00000000
BAL
000
1
R/W
00000010
GER
001
0
R/W
00000000
GIR
010
X
R
00000001
LCR
011
X
R/W
00000000
LSR
101
X
R/W
01100000
MCR
100
X
R/W
00000000
MSR
110
X
R/W
00000000
RXDATA
000
0
R
Unknown
SCR
111
X
R/W
00000000
TXDATA
000
0
W
N/A


Numéro de pièce similaire - TP82050

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Tianyuan Semic...
TP8205 TPOWER-TP8205 Datasheet
584Kb / 6P
   High precision double winding primary feedback LED constant current driver chip
More results

Description similaire - TP82050

FabricantNo de pièceFiches techniqueDescription
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
   ASYNCHRONOUS COMMUICATIONS CONTROLLER
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
   Asynchronous Voltage Mode Controller
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
   58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com