Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC846S Fiches technique(PDF) 2 Page - Infineon Technologies AG

No de pièce BC846S
Description  NPN Silicon AF Transistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC846S Fiches technique(HTML) 2 Page - Infineon Technologies AG

  BC846S Datasheet HTML 1Page - Infineon Technologies AG BC846S Datasheet HTML 2Page - Infineon Technologies AG BC846S Datasheet HTML 3Page - Infineon Technologies AG BC846S Datasheet HTML 4Page - Infineon Technologies AG BC846S Datasheet HTML 5Page - Infineon Technologies AG BC846S Datasheet HTML 6Page - Infineon Technologies AG BC846S Datasheet HTML 7Page - Infineon Technologies AG BC846S Datasheet HTML 8Page - Infineon Technologies AG BC846S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2012-04-04
2
BC846S/ BC846U/ BC847S
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BC846S/U
BC847S
VCEO
65
45
V
Collector-base voltage
BC846S/U
BC847S
VCBO
80
50
Emitter-base voltage
VEBO
6
Collector current
IC
100
mA
Peak collector current, tp ≤ 10 ms
ICM
200
Total power dissipation-
TS ≤ 115 °C, BC846S, BC847S
TS ≤ 118 °C, BC846U
Ptot
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BC846S, BC847S
BC847U
RthJS
≤ 140
≤ 130
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


Numéro de pièce similaire - BC846S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC846S PHILIPS-BC846S Datasheet
50Kb / 8P
   NPN general purpose double transistor
1999 Sep 01
logo
Diotec Semiconductor
BC846S DIOTEC-BC846S Datasheet
171Kb / 2P
   SMD General Purpose NPN Transistors
logo
Siemens Semiconductor G...
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
logo
Micro Commercial Compon...
BC846S MCC-BC846S Datasheet
372Kb / 4P
   Dual NPN Small Signal Transistor 200mW
logo
Infineon Technologies A...
BC846S INFINEON-BC846S Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
More results

Description similaire - BC846S

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com