Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC146805E2CP Fiches technique(PDF) 9 Page - InnovASIC, Inc

No de pièce MC146805E2CP
Description  Microprocessor Unit
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

MC146805E2CP Fiches technique(HTML) 9 Page - InnovASIC, Inc

Back Button MC146805E2CP Datasheet HTML 5Page - InnovASIC, Inc MC146805E2CP Datasheet HTML 6Page - InnovASIC, Inc MC146805E2CP Datasheet HTML 7Page - InnovASIC, Inc MC146805E2CP Datasheet HTML 8Page - InnovASIC, Inc MC146805E2CP Datasheet HTML 9Page - InnovASIC, Inc MC146805E2CP Datasheet HTML 10Page - InnovASIC, Inc MC146805E2CP Datasheet HTML 11Page - InnovASIC, Inc MC146805E2CP Datasheet HTML 12Page - InnovASIC, Inc MC146805E2CP Datasheet HTML 13Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
IA6805E2
29 August 2007
Microprocessor Unit
As of Production Version 00
Copyright © 2007
IA211081401-03
www.Innovasic.com
Customer Support:
Page 9 of 33
1-888-824-4184
©
A(Accumulator):
The accumulator is an 8-bit register used to hold operands and results of arithmetic
calculations or data manipulations.
X(Index Register):
The index register is an 8-bit register used during the indexed addressing mode. It contains
an 8-bit value used to create an effective address. The index register may also be used as a
temporary storage area when not performing addressing operations.
PC(Program Counter):
The program counter is a 13-bit register that holds the address of the next instruction to be
performed by the MPU.
SP(Stack Pointer):
The stack pointer is a 13-bit register that holds the address of the next free location on the
stack. During an MPU reset or the reset stack pointer (RSP) instruction, the stack pointer is
set to location $007f. The seven most significant bits of the stack pointer are permanently
set to 0000001. They are appended to the six least significant register bits to produce an
address range down to location $0040. The stack pointer gets decremented as data is pushed
onto the stack and incremented as data is removed from the stack. The stack area of RAM is
used to store the return address on subroutine calls and the machine state during interrupts.
The maximum number of locations for the stack pointer is 64 bytes. If the stack goes
beyond this limit the stack pointer wraps around and points to its upper limit thereby losing
the previously stored information. Subroutine calls use 2 bytes of RAM on the stack and
interrupts use 5 bytes.
CC(Condition code Register):
The condition code register is a 5-bit register that indicates the results of the instruction just
executed. The bit is set if it is high. A program can individually test these bits and specific
actions can be taken as a result of their states. Following is an explanation of each bit.
C(Carry Bit):
The carry bit indicates that a carry or borrow out of the Arithmetic Logical Unit (ALU)
occurred during the last arithmetic instruction. This bit is also modified during bit test, shift,
rotate, and branch types of instructions.
Z(Zero Bit):
The zero bit indicates the result of the last arithmetic, logical, or data manipulation was zero.
N(Negative Bit):
The negative bit indicates the result to the last arithmetic, logical, or data manipulation was
negative (bit 7 in the result is high).


Numéro de pièce similaire - MC146805E2CP

FabricantNo de pièceFiches techniqueDescription
logo
InnovASIC, Inc
MC146805E2CP INNOVASIC-MC146805E2CP Datasheet
286Kb / 31P
   Microprocessor Unit
More results

Description similaire - MC146805E2CP

FabricantNo de pièceFiches techniqueDescription
logo
Zilog, Inc.
Z80180 ZILOG-Z80180 Datasheet
1Mb / 124P
   Microprocessor Unit
logo
List of Unclassifed Man...
Z8018006VSG ETC2-Z8018006VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018010FSG ZILOG-Z8018010FSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
InnovASIC, Inc
IA6805E2 INNOVASIC-IA6805E2 Datasheet
286Kb / 31P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018010VSG ZILOG-Z8018010VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
Z8018008VSG ZILOG-Z8018008VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
Z8018010PSG ZILOG-Z8018010PSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Raltron Electronics Cor...
A-6.176-18.5 RALTRON-A-6.176-18.5 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-12.000-20 RALTRON-A-12.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-25.000-14 RALTRON-A-25.000-14 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33