Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9617ADGKR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9617ADGKR
Description  LEVEL-TRANSLATING FM I2C BUS REPEATER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9617ADGKR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TCA9617ADGKR Datasheet HTML 3Page - Texas Instruments TCA9617ADGKR Datasheet HTML 4Page - Texas Instruments TCA9617ADGKR Datasheet HTML 5Page - Texas Instruments TCA9617ADGKR Datasheet HTML 6Page - Texas Instruments TCA9617ADGKR Datasheet HTML 7Page - Texas Instruments TCA9617ADGKR Datasheet HTML 8Page - Texas Instruments TCA9617ADGKR Datasheet HTML 9Page - Texas Instruments TCA9617ADGKR Datasheet HTML 10Page - Texas Instruments TCA9617ADGKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TCA9617A
SLAVE
1 MHz
Master
1 MHz
VCCA
VCCB
240
820
2 .5 V
0 .9 V
SDAA
SCLA
EN
SCLB
SDAB
240
820
BUS A
BUS B
TCA9617A
www.ti.com
SCPS244 – JUNE 2013
APPLICATION INFORMATION
A typical application is shown in Figure 4. In this example, the system master is running on a 0.9-V I2C bus, and
the slave is connected to a 2.5-V bus. Both buses are running at 400 kHz. Decoupling capacitors are required
but are not shown in Figure 2 for simplicity.
The TCA9617A is 5 V tolerant so no additional circuits is required to translate between 0.8-V to 5.5-V bus
voltages and 2.7-V to 5.5-V bus voltages.
When the A side of the TCA9617A is pulled low by a driver on the I2C bus, a comparator detects the falling edge
when it goes below 0.7 VCCA and cause the internal driver on the B side to turn on. The B-side will first pull-down
to 0-V and then settle to 0.5-V. When the B side of the TCA9617A falls below 0.45 V, the TCA9617A will detect
the falling edge, turn on the internal driver on the A side and pull the A-side pin down to ground. In order to
illustrate what would be seen for an A to B transition refer to Figure 6, and for a B to A transition see Figure 5.
On the B-side bus of the TCA9617A, the clock and data lines will have a positive offset from ground equal to the
VOL of the TCA9617A. After the eighth clock pulse, the data line is pulled to the VOL of the slave device, which
is close to ground in this example. At the end of the acknowledge, the level rises only to the low level set by the
driver of the TCA9617A for a short delay (approximately 0.5-V), while the A-side bus rises above 0.3 VCCA and
then continues high.
Figure 4. Typical Application Diagrams
Pull-up Resistor Sizing
For the TCA9617A to function correctly, all devices on the B-side must be able to pull the B-side below the
voltage input low contention level (0.45-V). This means that the VOL of any device on the B-side must be below
0.4-V to ensure proper operation.
The VOL of a device can be adjusted by changing the IOL through the device which is set by the pull-up resistor
value. The pull-up resistor on the B-side must be carefully selected to ensure that logic levels will be transferred
correctly to the A-side.
The B-side pullup resistor sizing must also ensure that the RC is greater than 20 ns. Shorter RCs will increase
the pedestal overshoot discussed in the next section. Note that the B-side RC should also be less than 1 µs to
conform with the I2C standard mode specification.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TCA9617A


Numéro de pièce similaire - TCA9617ADGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
TCA9617BDGKR TI1-TCA9617BDGKR Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
More results

Description similaire - TCA9617ADGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
logo
NXP Semiconductors
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
logo
Unisonic Technologies
UCA9617 UTC-UCA9617 Datasheet
288Kb / 8P
   LEVEL TRANSLATING FM I2C-BUS REPEATER
logo
ON Semiconductor
PCA9617A ONSEMI-PCA9617A Datasheet
157Kb / 15P
   Level-Translating Fm I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com