Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7632VFT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC7632VFT
Description  16-Bit, Dual Voltage Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7632VFT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button DAC7632VFT Datasheet HTML 3Page - Texas Instruments DAC7632VFT Datasheet HTML 4Page - Texas Instruments DAC7632VFT Datasheet HTML 5Page - Texas Instruments DAC7632VFT Datasheet HTML 6Page - Texas Instruments DAC7632VFT Datasheet HTML 7Page - Texas Instruments DAC7632VFT Datasheet HTML 8Page - Texas Instruments DAC7632VFT Datasheet HTML 9Page - Texas Instruments DAC7632VFT Datasheet HTML 10Page - Texas Instruments DAC7632VFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DAC7632
7
SBAS234A
www.ti.com
TYPICAL CHARACTERISTICS: VSS = 0V (Cont.)
At TA = +25°C, VDD = VCC = +5V, VSS = 0V, VREFH = +2.5V, VREFL = 0V, representative unit, unless otherwise specified.
0.30
0.25
0.20
0.15
0.10
0.05
0.00
V
REFH CURRENT vs CODE
(all DACs sent to indicated code)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
0.00
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
V
REFL CURRENT vs CODE
(all DACs sent to indicated code)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
1
0.8
0.6
0.4
0.2
0
ANALOG SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
–40
–15
10
35
60
85
Data = FFFF
H (all DACs)
No Load
1.0
0.8
0.6
0.4
0.2
0.0
Digital Input Code
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
C000
H
E000
H
FFFF
H
ANALOG SUPPLY CURRENT vs DIGITAL INPUT CODE
All DACs
No Load
DAC B
DAC A
3
2
1
0
–1
–2
–3
Temperature (
°C)
–40
–15
85
10
35
60
ZERO-SCALE ERROR vs TEMPERATURE
Code (0040
H)
FULL-SCALE ERROR vs TEMPERATURE
DAC B
DAC A
3
2
1
0
–1
–2
–3
Temperature (
°C)
–40
–15
85
10
35
60
Code (FFFF
H)


Numéro de pièce similaire - DAC7632VFT

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC7632VFT BURR-BROWN-DAC7632VFT Datasheet
846Kb / 21P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC7632VFT

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
logo
Burr-Brown (TI)
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7632 BURR-BROWN-DAC7632 Datasheet
846Kb / 21P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI1-DAC7642_15 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7642 TI-DAC7642 Datasheet
770Kb / 20P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD5766 AD-AD5766 Datasheet
1Mb / 43P
   16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
AD5767 AD-AD5767 Datasheet
1Mb / 43P
   16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
logo
Texas Instruments
DAC8571IDGKRG4 TI1-DAC8571IDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com