Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS641N3 Fiches technique(PDF) 11 Page - Texas Instruments |
|
SN74LS641N3 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 25 page PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LS641-1DWR ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS641-1 SN74LS641-1DWRE4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS641-1 SN74LS641-1DWRG4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS641-1 SN74LS641-1N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS641-1N SN74LS641-1N3 OBSOLETE PDIP N 20 TBD Call TI Call TI 0 to 70 SN74LS641-1NE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS641-1N SN74LS641DW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS641 SN74LS641DWE4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS641 SN74LS641DWG4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS641 SN74LS641DWR OBSOLETE SOIC DW 20 TBD Call TI Call TI 0 to 70 LS641 SN74LS641DWRE4 OBSOLETE SOIC DW 20 TBD Call TI Call TI 0 to 70 SN74LS641DWRG4 OBSOLETE SOIC DW 20 TBD Call TI Call TI 0 to 70 SN74LS641N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS641N SN74LS641N3 OBSOLETE PDIP N 20 TBD Call TI Call TI 0 to 70 SN74LS641NE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS641N SN74LS641NSR ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS641 SN74LS641NSRE4 ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS641 SN74LS641NSRG4 ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS641 SN74LS642-1DW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS642-1 SN74LS642-1DWE4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS642-1 |
Numéro de pièce similaire - SN74LS641N3 |
|
Description similaire - SN74LS641N3 |