Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1705BPTP3 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce AM1705BPTP3
Description  AM1705 ARM Microprocessor
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705BPTP3 Fiches technique(HTML) 1 Page - Texas Instruments

  AM1705BPTP3 Datasheet HTML 1Page - Texas Instruments AM1705BPTP3 Datasheet HTML 2Page - Texas Instruments AM1705BPTP3 Datasheet HTML 3Page - Texas Instruments AM1705BPTP3 Datasheet HTML 4Page - Texas Instruments AM1705BPTP3 Datasheet HTML 5Page - Texas Instruments AM1705BPTP3 Datasheet HTML 6Page - Texas Instruments AM1705BPTP3 Datasheet HTML 7Page - Texas Instruments AM1705BPTP3 Datasheet HTML 8Page - Texas Instruments AM1705BPTP3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 164 page
background image
AM1705
www.ti.com
SPRS657D – FEBRUARY 2010 – REVISED MARCH 2013
AM1705 ARM Microprocessor
Check for Samples: AM1705
1
AM1705 ARM Microprocessor
1.1
Features
123
– 8 Quick DMA Channels
• Highlights
– Programmable Transfer Burst Size
– 375/456-MHz ARM926EJ-S™ RISC Core
• 128K-Byte RAM Memory
– ARM9 Memory Architecture
• 3.3V LVCMOS IOs (except for USB Interface)
– Programmable Real-Time Unit Subsystem
• Two External Memory Interfaces:
– Enhanced Direct-Memory-Access Controller
3 (EDMA3)
– EMIFA
– Two External Memory Interfaces
NOR (8-Bit-Wide Data)
– Three Configurable 16550 type UART
NAND (8-Bit-Wide Data)
Modules
– EMIFB
– Two Serial Peripheral Interfaces (SPI)
16-Bit SDRAM With 128MB Address
– Multimedia Card (MMC)/Secure Digital (SD)
Space
Card Interface with Secure Data I/O (SDIO)
• Three Configurable 16550 type UART Modules:
– Two Master/Slave Inter-Integrated Circuit
– UART0 With Modem Control Signals
– USB 2.0 OTG Port With Integrated PHY
– 16-byte FIFO
– Two Multichannel Audio Serial Ports
– 16x or 13x Oversampling Option
– 10/100 Mb/s Ethernet MAC (EMAC)
– Autoflow control signals (CTS, RTS) on
– One 64-Bit General-Purpose Timer
UART0 only
– One 64-bit General-Purpose/Watchdog Timer
• Two Serial Peripheral Interfaces (SPI) Each
With One Chip-Select
– Three Enhanced Pulse Width Modulators
• Programmable Real-Time Unit Subsystem
– Three 32-Bit Enhanced Capture Modules
(PRUSS)
• Applications
– Two Independent Programmable Realtime
– Industrial Automation
Unit (PRU) Cores
– Home Automation
32-Bit Load/Store RISC architecture
– Test and Measurement
4K Byte instruction RAM per core
– Portable Data Terminals
512 Bytes data RAM per core
– Educational Consoles
PRU Subsystem (PRUSS) can be disabled
– Power Protection Systems
via software to save power
• 375/456-MHz ARM926EJ-S™ RISC Core
– Standard power management mechanism
– 32-Bit and 16-Bit (Thumb®) Instructions
Clock gating
– Single Cycle MAC
Entire subsystem under a single PSC
– ARM™Jazelle® Technology
clock gating domain
– EmbeddedICE-RT™ for Real-Time Debug
– Dedicated interrupt controller
• ARM9 Memory Architecture
– Dedicated switched central resource
– 16K-Byte Instruction Cache
• Multimedia Card (MMC)/Secure Digital (SD)
– 16K-Byte Data Cache
Card Interface with Secure Data I/O (SDIO)
– 8K-Byte RAM (Vector Table)
• Two Master/Slave Inter-Integrated Circuit (I2C
– 64K-Byte ROM
Bus™)
• Enhanced Direct-Memory-Access Controller 3
• USB 2.0 OTG Port With Integrated PHY (USB0)
(EDMA3):
– USB 2.0 Full-Speed Client
– 2 Transfer Controllers
– USB 2.0 Full-/Low-Speed Host
– 32 Independent DMA Channels
– End Point 0 (Control)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
ARM926EJ-S, ETM9, CoreSight are trademarks of ARM Limited.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2010–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Numéro de pièce similaire - AM1705BPTP3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1705BPTP3 TI-AM1705BPTP3 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705BPTP3 TI-AM1705BPTP3 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705BPTP3 TI-AM1705BPTP3 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705BPTP3 TI1-AM1705BPTP3 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
More results

Description similaire - AM1705BPTP3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1705_1004 TI-AM1705_1004 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI-AM1705 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com