Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54103IHZ-T7A Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL54103IHZ-T7A
Description  More Reliable HDCP Performance In Video Multiplexers and Cable Extenders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54103IHZ-T7A Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL54103IHZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL54103IHZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL54103IHZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL54103IHZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL54103IHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL54103IHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL54103IHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL54103IHZ-T7A Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN6303.2
October 14, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 6.5V
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V
ESD Min Other Pins (HBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
ESD DDC1 and DDC2 Pins (HBM) . . . . . . . . . . . . . . . . . . . . . .>8kV
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
Over all operating conditions unless otherwise specified, Typical values are measured at VDD = 3.3V and
TA = +25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
ANALOG PARAMETERS
VDD
Supply Voltage Range
2.7
5.5
V
VDD RAMP VDD Ramp Rate
0.05
50
V/ms
IDD
Supply Current
DDC1 = DDC2 = Open
80
100
µA
IOUT_SB
Standby Pull-Up Current
DDC1 = DDC2 = VDD - 1.0V
80
125
µA
IOUT_A1
Active Pull-Up Current
DDC1 = GND; DDC2 = Open
125
275
350
µA
IOUT_A2
DDC1 = Open; DDC2 = GND
125
275
350
µA
IOUT_B1
Boost Pull-Up Current (Figure 2) VTRIPL < DDC1 < VTRIPH, DDC2 = Open
1.6
2.2
mA
IOUT_B2
VTRIPL < DDC2 < VTRIPH, DDC1 = Open
1.6
2.2
mA
VTRIPL
Input Voltage Threshold Low
0.65
0.75
0.85
V
VTRIPH
Input Voltage Threshold High
VDD - 0.60
VDD - 0.50
VDD - 0.40
V
fMAX
DDC Max Frequency
100
kHz
NSS
Noise Spike Suppression
(Note 5) (Figure 10)
20
V-ns
NOTES:
5. Measured as area under triangular waveform above VTRIPL, with time as base and VIN as height (See Figure 10).
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
ISL54103


Numéro de pièce similaire - ISL54103IHZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54103IHZ-T7A RENESAS-ISL54103IHZ-T7A Datasheet
448Kb / 8P
   DDC Accelerator (DDCA)
More results

Description similaire - ISL54103IHZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Level One
AVE-9300 LVL1-AVE-9300 Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9316 LVL1-AVE-9316 Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9304A LVL1-AVE-9304A Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9301 LVL1-AVE-9301 Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9304 LVL1-AVE-9304 Datasheet
1Mb / 4P
   Audio/Video Extenders
AVE-9308 LVL1-AVE-9308 Datasheet
1Mb / 4P
   Audio/Video Extenders
logo
TXC Corporation.
AX-SERIES TXC-AX-SERIES Datasheet
974Kb / 1P
   Superior and reliable performance in harsh environment.
logo
STMicroelectronics
AN4371 STMICROELECTRONICS-AN4371 Datasheet
368Kb / 29P
   In automotive more and more often comes in foreground
logo
Linear Technology
LT1203 LINER-LT1203_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
LT1203 LINER-LT1203 Datasheet
561Kb / 16P
   150MHz Video Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com