Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7123KST140-RL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADV7123KST140-RL
Description  CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7123KST140-RL Fiches technique(HTML) 5 Page - Analog Devices

  ADV7123KST140-RL Datasheet HTML 1Page - Analog Devices ADV7123KST140-RL Datasheet HTML 2Page - Analog Devices ADV7123KST140-RL Datasheet HTML 3Page - Analog Devices ADV7123KST140-RL Datasheet HTML 4Page - Analog Devices ADV7123KST140-RL Datasheet HTML 5Page - Analog Devices ADV7123KST140-RL Datasheet HTML 6Page - Analog Devices ADV7123KST140-RL Datasheet HTML 7Page - Analog Devices ADV7123KST140-RL Datasheet HTML 8Page - Analog Devices ADV7123KST140-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADV7123
Rev. D | Page 5 of 24
5 V DYNAMIC SPECIFICATIONS
VAA = 5 V ± 5%,1 VREF = 1.235 V, RSET = 560 Ω, CL = 10 pF. All specifications are TA = 25°C, unless otherwise noted, TJ MAX = 110°C.
Table 3.
Parameter1
Min
Typ
Max
Unit
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist2
Single-Ended Output
fCLK = 50 MHz; fOUT = 1.00 MHz
67
dBc
fCLK = 50 MHz; fOUT = 2.51 MHz
67
dBc
fCLK = 50 MHz; fOUT = 5.04 MHz
63
dBc
fCLK = 50 MHz; fOUT = 20.2 MHz
55
dBc
fCLK = 100 MHz; fOUT = 2.51 MHz
62
dBc
fCLK = 100 MHz; fOUT = 5.04 MHz
60
dBc
fCLK = 100 MHz; fOUT = 20.2 MHz
54
dBc
fCLK = 100 MHz; fOUT = 40.4 MHz
48
dBc
fCLK = 140 MHz; fOUT = 2.51 MHz
57
dBc
fCLK = 140 MHz; fOUT = 5.04 MHz
58
dBc
fCLK = 140 MHz; fOUT = 20.2 MHz
52
dBc
fCLK = 140 MHz; fOUT = 40.4 MHz
41
dBc
Double-Ended Output
fCLK = 50 MHz; fOUT = 1.00 MHz
70
dBc
fCLK = 50 MHz; fOUT = 2.51 MHz
70
dBc
fCLK = 50 MHz; fOUT = 5.04 MHz
65
dBc
fCLK = 50 MHz; fOUT = 20.2 MHz
54
dBc
fCLK = 100 MHz; fOUT = 2.51 MHz
67
dBc
fCLK = 100 MHz; fOUT = 5.04 MHz
63
dBc
fCLK = 100 MHz; fOUT = 20.2 MHz
58
dBc
fCLK = 100 MHz; fOUT = 40.4 MHz
52
dBc
fCLK = 140 MHz; fOUT = 2.51 MHz
62
dBc
fCLK = 140 MHz; fOUT = 5.04 MHz
61
dBc
fCLK = 140 MHz; fOUT = 20.2 MHz
55
dBc
fCLK = 140 MHz; fOUT = 40.4 MHz
53
dBc
Spurious-Free Dynamic Range Within a Window
Single-Ended Output
fCLK = 50 MHz; fOUT = 1.00 MHz; 1 MHz Span
77
dBc
fCLK = 50 MHz; fOUT = 5.04 MHz; 2 MHz Span
73
dBc
fCLK = 140 MHz; fOUT = 5.04 MHz; 4 MHz Span
64
dBc
Double-Ended Output
fCLK = 50 MHz; fOUT = 1.00 MHz; 1 MHz Span
74
dBc
fCLK = 50 MHz; fOUT = 5.00 MHz; 2 MHz Span
73
dBc
fCLK = 140 MHz; fOUT = 5.00 MHz; 4 MHz Span
60
dBc
Total Harmonic Distortion
fCLK = 50 MHz; fOUT = 1.00 MHz
TA = 25°C
66
dBc
TMIN to TMAX
65
dBc
fCLK = 50 MHz; fOUT = 2.00 MHz
64
dBc
fCLK = 100 MHz; fOUT = 2.00 MHz
63
dBc
fCLK = 140 MHz; fOUT = 2.00 MHz
55
dBc


Numéro de pièce similaire - ADV7123KST140-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7123KST140 AD-ADV7123KST140 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
More results

Description similaire - ADV7123KST140-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com