Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1066ACPZ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADM1066ACPZ
Description  Super Sequencer with Margining Control and Auxiliary ADC Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1066ACPZ Fiches technique(HTML) 4 Page - Analog Devices

  ADM1066ACPZ Datasheet HTML 1Page - Analog Devices ADM1066ACPZ Datasheet HTML 2Page - Analog Devices ADM1066ACPZ Datasheet HTML 3Page - Analog Devices ADM1066ACPZ Datasheet HTML 4Page - Analog Devices ADM1066ACPZ Datasheet HTML 5Page - Analog Devices ADM1066ACPZ Datasheet HTML 6Page - Analog Devices ADM1066ACPZ Datasheet HTML 7Page - Analog Devices ADM1066ACPZ Datasheet HTML 8Page - Analog Devices ADM1066ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADM1066
Rev. E | Page 4 of 32
The device also provides up to 10 programmable inputs for moni-
toring undervoltage faults, overvoltage faults, or out-of-window
faults on up to 10 supplies. In addition, 10 programmable outputs
can be used as logic enables. Six of these programmable outputs
can also provide up to a 12 V output for driving the gate of an N-
FET that can be placed in the path of a supply.
The logical core of the device is a sequencing engine. This state
machine-based construction provides up to 63 different states.
This design enables very flexible sequencing of the outputs,
based on the condition of the inputs.
The device is controlled via configuration data that can be
programmed into an EEPROM. The entire configuration can
be programmed using an intuitive GUI-based software package
provided by Analog Devices, Inc.
DETAILED BLOCK DIAGRAM
GPI SIGNAL
CONDITIONING
SFD
GPI SIGNAL
CONDITIONING
SFD
SFD
SFD
SELECTABLE
ATTENUATOR
SELECTABLE
ATTENUATOR
DEVICE
CONTROLLER
OSC
EEPROM
SDA SCL A1
A0
SMBus
INTERFACE
REFOUT
REFIN
AUX1
AUX2
REFGND
VREF
12-BIT
SAR ADC
ADM1066
CONFIGURABLE
OUTPUT DRIVER
(HV)
PDO1
PDO2
PDOGND
PDO3
DAC1
VOUT
DAC
DAC6
VOUT
DAC
VCCP
GND
DAC2 DAC3 DAC4 DAC5
PDO4
PDO5
PDO8
PDO9
CONFIGURABLE
OUTPUT DRIVER
(HV)
PDO6
CONFIGURABLE
OUTPUT DRIVER
(LV)
PDO7
CONFIGURABLE
OUTPUT DRIVER
(LV)
PDO10
SEQUENCING
ENGINE
VX2
VX3
VX4
VP2
VP3
VP4
VH
VP1
VX1
AGND
VX5
VDDCAP
VDD
ARBITRATOR
REG 5.25V
CHARGE PUMP
Figure 2. Detailed Block Diagram


Numéro de pièce similaire - ADM1066ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1066ACP AD-ADM1066ACP Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ACP-REEL AD-ADM1066ACP-REEL Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ACP-REEL7 AD-ADM1066ACP-REEL7 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1066ACP-U3 AD-ADM1066ACP-U3 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
More results

Description similaire - ADM1066ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1066 AD-ADM1066 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com