Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM203JN Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADM203JN
Description  High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM203JN Fiches technique(HTML) 4 Page - Analog Devices

  ADM203JN Datasheet HTML 1Page - Analog Devices ADM203JN Datasheet HTML 2Page - Analog Devices ADM203JN Datasheet HTML 3Page - Analog Devices ADM203JN Datasheet HTML 4Page - Analog Devices ADM203JN Datasheet HTML 5Page - Analog Devices ADM203JN Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
REV. A
ADM202/ADM203
–4–
–Typical Performance Characteristics
LOAD CURRENT – mA
0
–15
–10
–5
10
5
15
5
10
15
20
25
30
0
V+
V–
TPC 1. Charge Pump V+, V– vs. Current
CAPACITIVE LOAD – pF
0
500
1k
1.5k
2k
2.5k
3k
0
5
10
15
20
25
30
LOW-TO-HIGH SLEW RATE
HIGH-TO-LOW SLEW RATE
VCC = 5V
RL = 3k
f = 10kHz
TPC 2. Transmitter Slew Rate vs. Load Capacitance
1
T
T
2
CH1 10.0V
CH2 5.00V M 1.00 s CH2
–6.4V
LOADED SLEW RATE – 1nF
TPC 3. Transmitter Fully Loaded Slew Rate
VCC – V
4.5
5.0
5.5
4.0
–15
–10
–5
10
5
15
0
Tx O/P HI
Tx O/P HI LOADED
Tx O/P LO LOADED
Tx O/P LO
TPC 4. Transmitter Output Voltage vs. VCC
LOAD CURRENT – mA
0
2
4
68
10
14
0
12
–15
–10
–5
10
5
15
Tx O/P HI
Tx O/P LO
TPC 5. Transmitter Output Voltage vs. Current
1
T
2
CH1 10.0V
CH2 5.00V M 1.00 s CH2
–6.4V
UNLOADED SLEW RATE
T
TPC 6. Transmitter Unloaded Slew Rate


Numéro de pièce similaire - ADM203JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM203JN AD-ADM203JN Datasheet
305Kb / 6P
   High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. 0
ADM203JN AD-ADM203JN Datasheet
120Kb / 6P
   High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. A
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com