Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD13280AF Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD13280AF
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD13280AF Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD13280AF Datasheet HTML 4Page - Analog Devices AD13280AF Datasheet HTML 5Page - Analog Devices AD13280AF Datasheet HTML 6Page - Analog Devices AD13280AF Datasheet HTML 7Page - Analog Devices AD13280AF Datasheet HTML 8Page - Analog Devices AD13280AF Datasheet HTML 9Page - Analog Devices AD13280AF Datasheet HTML 10Page - Analog Devices AD13280AF Datasheet HTML 11Page - Analog Devices AD13280AF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD13280
Rev. C | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
61
62
63
64
65
66
67
68
1
2
3
5
6
7
8
9
4
10
26
11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
PIN 1
IDENTIFIER
AD13280
TOP VIEW
(Not to Scale)
D10A
DROUTB
D0B (LSB)
AGNDA
AGNDA
AMP-OUT-A
A+IN
A–IN
AGNDA
AMP-IN-A-2
AMP-IN-A-1
AGNDB
SHIELD
D1B
D2B
D3B
AGNDB
B–IN
B+IN
AGNDB
AMP-IN-B-2
AMP-OUT-B
AMP-IN-B-1
DGNDB
NC
SHIELD
D11A (MSB)
D8A
D9A
D7A
D6A
DGNDA
NC = NO CONNECT
NC
44
45
46
47
48
49
50
51
60 59 58 57 56 55 54 53 52
DROUTA
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 35
SHIELD
Internal Ground Shield Between Channels.
2, 3, 9, 10, 13, 16
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to the device as possible.
4
A−IN
Inverting Differential Input (Gain = +1).
5
A+IN
Noninverting Differential Input (Gain = +1).
6
AMP-OUT-A
Single-Ended Amplifier Output (Gain = +2).
7
AMP-IN-A-1
Analog Input for A Side ADC (Nominally ±0.5 V).
8
AMP-IN-A-2
Analog Input for A Side ADC (Nominally ±1.0 V).
11
AVEEA
A Channel Analog Negative Supply Voltage (Nominally −5.0 V or −5.2 V).
12
AVCCA
A Channel Analog Positive Supply Voltage (Nominally +5.0 V).
14
ENCODEA
Complement of ENCODEA. Differential input.
15
ENCODEA
Encode Input. Conversion initiated on rising edge.
17
DVCCA
A Channel Digital Positive Supply Voltage (Nominally +5.0 V/+3.3 V).
18, 19, 37, 38
NC
No Connect.
20 to 25, 28 to 33
D0A to
D11A
Digital Outputs for ADC A. D0 (LSB).
26, 27
DGNDA
A Channel Digital Ground.
34
DROUTA
Data Ready A Output.
36
DROUTB
Data Ready B Output.
39 to 42, 45 to 52
D0B to
D11B
Digital Outputs for ADC B. D0 (LSB).
43, 44
DGNDB
B Channel Digital Ground.
53
DVCCB
B Channel Digital Positive Supply Voltage (Nominally +5.0 V/+3.3 V).


Numéro de pièce similaire - AD13280AF

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD13280AF AD-AD13280AF Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
More results

Description similaire - AD13280AF

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
logo
Texas Instruments
ADS61B23 TI-ADS61B23 Datasheet
1Mb / 51P
[Old version datasheet]   12-BIT, 80-MSPS ADC WITH BUFFERED ANALOG INPUTS
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   4-Channel, 12-Bit, 80-MSPS ADC
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com