Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD573JN Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD573JN
Description  10-Bit A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD573JN Fiches technique(HTML) 5 Page - Analog Devices

  AD573JN Datasheet HTML 1Page - Analog Devices AD573JN Datasheet HTML 2Page - Analog Devices AD573JN Datasheet HTML 3Page - Analog Devices AD573JN Datasheet HTML 4Page - Analog Devices AD573JN Datasheet HTML 5Page - Analog Devices AD573JN Datasheet HTML 6Page - Analog Devices AD573JN Datasheet HTML 7Page - Analog Devices AD573JN Datasheet HTML 8Page - Analog Devices AD573JN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AD573
–5–
BIPOLAR CONNECTION
To obtain the bipolar –5 V to +5 V range with an offset binary
output code, the bipolar offset control pin is left open.
A –5.000 volt signal will give a 10-bit code of 00000000 00; an
input of 0.000 volts results in an output code of 10000000 00
and +4.99 volts at the input yields the 11111111 11 code. The
nominal transfer curve is shown in Figure 6.
Figure 6. AD573 Transfer Curve— Bipolar Operation
Note that in the bipolar mode, the code transitions are offset
1/2 LSB such that an input voltage of 0 volts
±5 mV yields the
code representing zero (10000000 00). Each output code is then
centered on its nominal input voltage.
Full-Scale Calibration
Full-Scale Calibration is accomplished in the same manner as in
unipolar operation except the full scale input voltage is +4.985
volts.
Negative Full-Scale Calibration
The circuit in Figure 4a can also be used in bipolar operation to
offset the input voltage (nominally –5 V) which results in the
00000000 00 code. R2 should be omitted to obtain a symmetri-
cal range.
The bipolar offset control input is not directly TTL compatible
but a TTL interface for logic control can be constructed as
shown in Figure 7.
Figure 7. Bipolar Offset Controlled by Logic Gate
Gate Output = 1 Unipolar 0–10 V Input Range
Gate Output = 0 Bipolar
±5 V Input Range
SAMPLE-HOLD AMPLIFIER CONNECTION TO THE
AD573
Many situations in high speed acquisition systems or digitizing
rapidly changing signals require a sample-hold amplifier (SHA)
in front of the A/D converter. The SHA can acquire and hold a
signal faster than the converter can perform a conversion. A
SHA can also be used to accurately define the exact point in
time at which the signal is sampled. For the AD573, a SHA can
also serve as a high input impedance buffer.
Figure 8 shows the AD573 connected to the AD582 monolithic
SHA for high speed signal acquisition. In this configuration, the
AD582 will acquire a 10 volt signal in less than 10
µs with a
droop rate less than 100
µV/ms.
Figure 8. Sample-Hold Interface to the AD573
DR
goes high after the conversion is initiated to indicate that
reset of the SAR is complete. In Figure 8 it is also used to put
the AD582 into the hold mode while the AD573 begins its con-
version cycle. (The AD582 settles to final value well in advance
of the first comparator decision inside the AD573).
DR
goes low when the conversion is complete placing the
AD582 back in the sample mode. Configured as shown in Fig-
ure 8, the next conversion can be initiated after a 10
µs delay to
allow for signal acquisition by the AD582.
Observe carefully the ground, supply, and bypass capacitor con-
nections between the two devices. This will minimize ground
noise and interference during the conversion cycle.
GROUNDING CONSIDERATIONS
The AD573 provides separate Analog and Digital Common
connections. The circuit will operate properly with as much as
±200 mV of common-mode voltage between the two commons.
This permits more flexible control of system common bussing
and digital and analog returns.
In normal operation, the Analog Common terminal may gener-
ate transient currents of up to 2 mA during a conversion. In ad-
dition a static current of about 2 mA will flow into Analog
Common in the unipolar mode after a conversion is complete.
The Analog Common current will be modulated by the varia-
tions in input signal.
The absolute maximum voltage rating between the two com-
mons is
±1 volt. It is recommended that a parallel pair of
back-to-back protection diodes be connected between the com-
mons if they are not connected locally.
REV. B


Numéro de pièce similaire - AD573JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD573JN AD-AD573JN Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
AD573JN AD-AD573JN Datasheet
517Kb / 11P
   10-Bit A/D Converter
AD573JNZ AD-AD573JNZ Datasheet
517Kb / 11P
   10-Bit A/D Converter
More results

Description similaire - AD573JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
   10-Bit A/D Converter
AD573 AD-AD573 Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
AD573 AD-AD573_17 Datasheet
517Kb / 11P
   10-Bit A/D Converter
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Fujitsu Component Limit...
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
   1CHANNEL 10-BIT D/A CONVERTER
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com