Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6755W Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FAN6755W
Description  mWSaver??PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6755W Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6755W Datasheet HTML 2Page - Fairchild Semiconductor FAN6755W Datasheet HTML 3Page - Fairchild Semiconductor FAN6755W Datasheet HTML 4Page - Fairchild Semiconductor FAN6755W Datasheet HTML 5Page - Fairchild Semiconductor FAN6755W Datasheet HTML 6Page - Fairchild Semiconductor FAN6755W Datasheet HTML 7Page - Fairchild Semiconductor FAN6755W Datasheet HTML 8Page - Fairchild Semiconductor FAN6755W Datasheet HTML 9Page - Fairchild Semiconductor FAN6755W Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6755W / FAN6755UW
• Rev. 1.0.7
6
Electrical Characteristics
VDD=15 V, TA=25C, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD Section
VOP
Continuously Operating Voltage
Full Load
22
V
VDD-ON
Start Threshold Voltage
15
16
17
V
VDD-OFF
Protection Mode
9
10
11
V
UVLO
Normal Mode
6.8
7.8
8.8
V
IDD-ST
Startup Current
VDD-ON – 0.16 V
30
µA
IDD-OP
Operating Supply Current
VDD=15 V, GATE Open
2
mA
IDD-OLP
Internal Sink Current
VDD-OLP+0.1 V
30
60
90
µA
VDD-OLP
Threshold Voltage on VDD for HV
JFET Turn-On
6.5
7.5
8.0
V
VDD-OVP
VDD Over-Voltage Protection
25
26
27
V
tD-VDDOVP
VDD Over-Voltage Protection
Debounce Time
75
125
200
µs
HV Section
IHV
Supply Current Drawn from HV Pin
VDC=120 V, VDD=10 µF,
VDD=0 V
2.0
3.5
5.0
mA
IHV-LC
Leakage Current after Startup
HV=700 V, VDD=VDD-
OFF+1 V
1
20
µ
A
VDD-ON
VDD
UVLO
t
Normal Mode
VDD-ON
VDD
VDD-OFF
t
VDD-OLP
Protection Mode
Figure 5.
VDD Behavior
Continued on the following page…


Numéro de pièce similaire - FAN6755W

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
More results

Description similaire - FAN6755W

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6757 FAIRCHILD-FAN6757 Datasheet
1Mb / 17P
   mWSaver PWM Controller
FAN6756AMRMY FAIRCHILD-FAN6756AMRMY Datasheet
1Mb / 20P
   FAN6756??mWSaver??PWM Controller
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
logo
ON Semiconductor
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75003 TOKO-TK75003 Datasheet
108Kb / 14P
   PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com