Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2112PWR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2112PWR
Description  AUTOSWITCHING POWER MUX
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2112PWR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS2112PWR Datasheet HTML 5Page - Texas Instruments TPS2112PWR Datasheet HTML 6Page - Texas Instruments TPS2112PWR Datasheet HTML 7Page - Texas Instruments TPS2112PWR Datasheet HTML 8Page - Texas Instruments TPS2112PWR Datasheet HTML 9Page - Texas Instruments TPS2112PWR Datasheet HTML 10Page - Texas Instruments TPS2112PWR Datasheet HTML 11Page - Texas Instruments TPS2112PWR Datasheet HTML 12Page - Texas Instruments TPS2112PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TPS2112
TPS2113
SLVS446 – DECEMBER 2002
www.ti.com
9
TYPICAL CHARACTERISTICS
Figure 2
Output Switchover Response Test Circuit
OUTPUT SWITCHOVER RESPONSE
STAT
EN
VSNS
ILIM
IN1
OUT
IN2
GND
1
2
3
4
8
7
6
5
TPS2113PW
0.1
µF
0.1
µF
50
3.3 V
5 V
400
f = 28 Hz
22% Duty Cycle
1
µF
NC
VI(VSNS)
2V/DIV
VO(OUT)
2V/DIV
t – Time – 1 ms/div
t – Time – 2 ms/div
Figure 3
VI(EN)
VO(OUT)
2V/Div
2V/Div
OUTPUT TURN-ON RESPONSE
Output Turn-On Response Test Circuit
STAT
EN
VSNS
ILIM
IN1
OUT
IN2
GND
1
2
3
4
8
7
6
5
TPS2113PW
0.1
µF
50
5 V
400
f = 28 Hz
78% Duty Cycle
1
µF
NC


Numéro de pièce similaire - TPS2112PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2112PW TI-TPS2112PW Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Description similaire - TPS2112PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com