Moteur de recherche de fiches techniques de composants électroniques |
|
CDC351DW Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
CDC351DW Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 13 page www.ti.com CDC351. CDC351I 1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS SCAS441D – FEBRUARY 1994 – REVISED OCTOBER 2003 SWITICHING CHARACTERISTICS C L = 50 pF (see Figure 1 and Figure 2) VCC = 3 V to 3.6 V, VCC = 3 V to 3.6 V, VCC = 3.3 V, TA = 25°C FROM TO TA = 0°C to 70°C TA = -40°C to 85°C PARAMETER UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX MIN MAX tPLH 3.2 3.7 4.2 A Y ns tPHL 3 3.5 4 tPZH 1.8 3.8 5.5 1.3 5.9 1.1 6.1 OE Y ns tPZL 1.8 3.8 5.5 1.3 5.9 1.1 6.1 tPHZ 1.8 3.9 5.9 1.7 6.3 1.5 6.5 OE Y ns tPLZ 1.8 4.2 5.9 1.7 6.4 1.5 6.6 tsk(o) A Y 0.3 0.5 0.5 0.6 ns tsk(p) A Y 0.2 0.8 0.8 0.9 ns tsk(pr) A Y 1 1 1.1 ns tr A Y 1.5 1.5 ns tf A Y 1.5 1.5 ns SWITCHING CHARACTERISTICS TEMPERATURE AND VCC COEFFICIENTS over recommended operating free-air temperature and V CC range (1) FROM TO PARAMETER MIN MAX UNIT (INPUT) (OUTPUT) Average temperature coefficient of low to high propagation §tPLH(T) A Y 65 (2) ps/10 °C delay Average temperature coefficient of high to low propagation §tPHL(T) A Y 45 (2) ps/10 °C delay §tPLH(VCC) Average VCC coefficient of low to high propagation delay A Y –140 (3) ps/ 100 mV §tPHL(VCC) Average VCC coefficient of high to low propagation delay A Y –120 (3) ps/ 100 mV (1) These data were extracted from characterization material and are not tested at the factory. (2) §tPLH(T) and §tPHL(T) are virtually independent of VCC. (3) §tPLH(VCC) and §tPHL(VCC) are virtually independent of temperature. 4 |
Numéro de pièce similaire - CDC351DW |
|
Description similaire - CDC351DW |