Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL7700CPW Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL7700CPW
Description  SUPPLY-VOLTAGE SUPERVISOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL7700CPW Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TL7700CPW Datasheet HTML 6Page - Texas Instruments TL7700CPW Datasheet HTML 7Page - Texas Instruments TL7700CPW Datasheet HTML 8Page - Texas Instruments TL7700CPW Datasheet HTML 9Page - Texas Instruments TL7700CPW Datasheet HTML 10Page - Texas Instruments TL7700CPW Datasheet HTML 11Page - Texas Instruments TL7700CPW Datasheet HTML 12Page - Texas Instruments TL7700CPW Datasheet HTML 13Page - Texas Instruments TL7700CPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
VCC
Vs
GND
CT
RESET
RL
R1
R2
Ct
VCC
RESET
GND
SENSE
TL7700
SLVS220F
– JULY 1999 – REVISED AUGUST 2011
www.ti.com
DETAILED DESCRIPTION
Sense-Voltage Setting
The SENSE terminal input voltage, Vs, of the TL7700 typically is 500 mV. By using two external resistors, the
circuit designer can obtain any sense voltage over 500 mV. In Figure 19, the sensing voltage, Vs
', is calculated
as:
Vs' = Vs × (R1 + R2)/R2
Where:
Vs = 500 mV typ at TA = 25°C
At room temperature, Vs has a variation of 500 mV ± 5 mV. In the basic circuit shown in Figure 19, variations of
[
±5 ± (R1 + R2)/R2] mV are superimposed on Vs.
Figure 19.
Sense-Voltage Hysteresis Setting
If the sense voltage (Vs') does not have hysteresis in it, and the voltage on the sensing line contains ripples, the
resetting of TL7700 is unstable. Hysteresis is added to the sense voltage to prevent such problems. As shown in
Figure 20, the hysteresis (Vhys) is added, and the value is determined as:
Vhys = Is × R1
Where:
Is = 2.5 μA typ at TA = 25°C
At room temperature, Is has variations of 2.5 mA
± 0.5 mA. Therefore, in the circuit shown in Figure 19, Vhys has
variations of (
±0.5 × R1) mV. In circuit design, it is necessary to consider the voltage-dividing resistor tolerance
and temperature coefficient in addition to variations in Vs and Vhys.
10
Copyright
© 1999–2011, Texas Instruments Incorporated


Numéro de pièce similaire - TL7700CPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL7700CPW TI-TL7700CPW Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700CPW TI-TL7700CPW Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700CPW TI-TL7700CPW Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700CPW TI1-TL7700CPW Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700CPWE4 TI-TL7700CPWE4 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results

Description similaire - TL7700CPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com