Moteur de recherche de fiches techniques de composants électroniques |
|
MC1489N Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
MC1489N Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 18 page MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A QUADRUPLE LINE RECEIVERS SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage, VCC (see Note 1) 10 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI ±30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage, IO 20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN55189, SN55189A – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . MC1489, MC1489A, SN75189, SN75189A 0 °C to 70°C . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Case temperature for 60 seconds, FK package 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J or W package 300 °C . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, or NS package 260 °C . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values are with respect to the network ground terminal. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 125°C PACKAGE A POWER RATING ABOVE TA = 25°C A POWER RATING A POWER RATING D 950 mW 7.6 mW/ °C 608 mW N/A FK 1375 mW 11.0 mW/ °C 880 mW 275 mW J‡ 1375 mW 11.0 mW/ °C 880 mW 275 mW N 1150 mW 9.2 mW/ °C 736 mW N/A NS 625 mW 4.0 mW/ °C 445 mW N/A W 1000 mW 8.0 mW/ °C 640 mW 200 mW ‡ In the J package, SN55189 and SN55189A chips are either silver glass or alloy mounted. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC 4.5 5 5.5 V Input voltage, VI –25 25 V High-level output current, IOH –0.5 mA Low-level output current, IOL 10 mA Operating free-air temperature, TA 0 70 °C |
Numéro de pièce similaire - MC1489N |
|
Description similaire - MC1489N |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |