Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1E6B06DPLR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1E6B06DPLR
Description  Single Channel ESD Protection Device in 0201 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPD1E6B06DPLR Fiches technique(HTML) 3 Page - Texas Instruments

  TPD1E6B06DPLR Datasheet HTML 1Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 2Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 3Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 4Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 5Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 6Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 7Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 8Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
-15
0
15
30
45
60
75
90 105 120 135 150 165 180 195 210 225
Time - ns
10
0
-10
-20
-30
-40
-50
-60
-80
-90
-70
TPD1E10B06DPY
TPD1E6B06DPL
-15
0
15
30
45
60
75
90 105 120 135 150 165 180 195 210 225
Time - ns
90
80
70
60
50
40
30
20
10
0
-10
TPD1E6B06DPL
TPD1E6B06
www.ti.com
SLLSEB2C – FEBRUARY 2012 – REVISED FEBRUARY 2013
TYPICAL CHARACTERISTICS
Figure 1. ESD Clamp Voltage +8kV Contact ESD
Figure 2. ESD Clamp Voltage –8kV Contact ESD
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD1E6B06


Numéro de pièce similaire - TPD1E6B06DPLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E6B06DPLR TI1-TPD1E6B06DPLR Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
logo
Shanghai Leiditech Elec...
TPD1E6B06DPLR LEIDITECH-TPD1E6B06DPLR Datasheet
1Mb / 3P
   1- Line Bi-directional TVS Diode
Rev : 01.06.2014
More results

Description similaire - TPD1E6B06DPLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
April 2010 ??Rev. 1
CM1242-33CP ONSEMI-CM1242-33CP Datasheet
150Kb / 5P
   1-Channel ESD Protection Device in 0201 CSP
March 2010 ??Rev. 4
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
   PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com