Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT11032DG4 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce 74ACT11032DG4
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74ACT11032DG4 Fiches technique(HTML) 2 Page - Texas Instruments

  74ACT11032DG4 Datasheet HTML 1Page - Texas Instruments 74ACT11032DG4 Datasheet HTML 2Page - Texas Instruments 74ACT11032DG4 Datasheet HTML 3Page - Texas Instruments 74ACT11032DG4 Datasheet HTML 4Page - Texas Instruments 74ACT11032DG4 Datasheet HTML 5Page - Texas Instruments 74ACT11032DG4 Datasheet HTML 6Page - Texas Instruments 74ACT11032DG4 Datasheet HTML 7Page - Texas Instruments 74ACT11032DG4 Datasheet HTML 8Page - Texas Instruments 74ACT11032DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74ACT11032
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS008C – JULY 1987 – REVISED APRIL 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2): D package
1.3 W
. . . . . . . . . . . . . . . . . . . .
DB package
0.55 W
. . . . . . . . . . . . . . . . . .
N package
1.1 W
. . . . . . . . . . . . . . . . . . . .
PW package
0.5 W
. . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
_C and a board trace length of 750 mils,
except for the N package, which has a trace length of zero.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
24
mA
Dt/Dv
Input transition rise or fall rate
0
10
ns/ V
TA
Operating free-air temperature
–40
85
°C


Numéro de pièce similaire - 74ACT11032DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT11032D TI-74ACT11032D Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DB TI-74ACT11032DB Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Description similaire - 74ACT11032DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com