Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CB3T3253D Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74CB3T3253D
Description  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3253D Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74CB3T3253D Datasheet HTML 3Page - Texas Instruments SN74CB3T3253D Datasheet HTML 4Page - Texas Instruments SN74CB3T3253D Datasheet HTML 5Page - Texas Instruments SN74CB3T3253D Datasheet HTML 6Page - Texas Instruments SN74CB3T3253D Datasheet HTML 7Page - Texas Instruments SN74CB3T3253D Datasheet HTML 8Page - Texas Instruments SN74CB3T3253D Datasheet HTML 9Page - Texas Instruments SN74CB3T3253D Datasheet HTML 10Page - Texas Instruments SN74CB3T3253D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.0
1.0
2.0
3.0
4.0
0.0
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
VI - Input Voltage - V
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
VI - Input Voltage - V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
1.0
2.0
3.0
4.0
1.0
2.0
3.0
4.0
5.0
6.0
VCC = 3 V
IO = 1 µA
TA = 25°C
VCC = 2.3 V
IO = 1 µA
TA = 25°C
SN74CB3T3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SCDS148 – OCTOBER 2003 – REVISED JUNE 2005
Figure 3. Data Output Voltage vs Data Input Voltage
7


Numéro de pièce similaire - SN74CB3T3253D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CB3T3253D TI-SN74CB3T3253D Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253D TI1-SN74CB3T3253D Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DBQR TI-SN74CB3T3253DBQR Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DBQR TI1-SN74CB3T3253DBQR Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DGVR TI-SN74CB3T3253DGVR Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - SN74CB3T3253D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com