Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC848CDW1T1G Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce BC848CDW1T1G
Description  Dual General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848CDW1T1G Fiches technique(HTML) 5 Page - ON Semiconductor

  BC848CDW1T1G Datasheet HTML 1Page - ON Semiconductor BC848CDW1T1G Datasheet HTML 2Page - ON Semiconductor BC848CDW1T1G Datasheet HTML 3Page - ON Semiconductor BC848CDW1T1G Datasheet HTML 4Page - ON Semiconductor BC848CDW1T1G Datasheet HTML 5Page - ON Semiconductor BC848CDW1T1G Datasheet HTML 6Page - ON Semiconductor BC848CDW1T1G Datasheet HTML 7Page - ON Semiconductor BC848CDW1T1G Datasheet HTML 8Page - ON Semiconductor BC848CDW1T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BC846BDW1T1G, SBC846BDW1T1G, BC847BDW1T1G, SBC847BDW1T1G Series,
NSVBC847BDW1T2G, BC848CDW1T1G
http://onsemi.com
5
TYPICAL CHARACTERISTICS − BC847BDW1T1G, SBC847BDW1T1G, NSVBC847BDW1T2G
0
100
200
300
400
500
600
0.0001
0.001
0.01
0.1
1
IC, COLLECTOR CURRENT (A)
Figure 12. DC Current Gain at VCE = 5 V
VCE = 5 V
150°C
25°C
−55°C
0
100
200
300
400
500
600
0.0001
0.001
0.01
0.1
1
VCE = 10 V
150°C
25°C
−55°C
IC, COLLECTOR CURRENT (A)
Figure 13. DC Current Gain at VCE = 10 V
0.00
0.05
0.10
0.15
0.20
0.25
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 14. VCE at IC/IB = 10
150°C
25°C
−55°C
IC/IB = 10
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 15. VCE at IC/IB = 20
IC/IB = 20
150°C
−55°C
25°C
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0.0001
0.001
0.01
0.1
IC/IB = 10
150°C
25°C
−55°C
IC, COLLECTOR CURRENT (A)
Figure 16. VBE(sat) at IC/IB = 10
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 17. VBE(sat) at IC/IB = 20
IC/IB = 20
150°C
25°C
−55°C


Numéro de pièce similaire - BC848CDW1T1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC848CDW1T1G ONSEMI-BC848CDW1T1G Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
BC848CDW1T1G ONSEMI-BC848CDW1T1G Datasheet
110Kb / 11P
   Dual General Purpose Transistors
August, 2016 ??Rev. 11
More results

Description similaire - BC848CDW1T1G

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com