Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM3074EYRZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADM3074EYRZ
Description  3.3 V, 15,-15 kV ESD-Protected
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM3074EYRZ Fiches technique(HTML) 3 Page - Analog Devices

  ADM3074EYRZ Datasheet HTML 1Page - Analog Devices ADM3074EYRZ Datasheet HTML 2Page - Analog Devices ADM3074EYRZ Datasheet HTML 3Page - Analog Devices ADM3074EYRZ Datasheet HTML 4Page - Analog Devices ADM3074EYRZ Datasheet HTML 5Page - Analog Devices ADM3074EYRZ Datasheet HTML 6Page - Analog Devices ADM3074EYRZ Datasheet HTML 7Page - Analog Devices ADM3074EYRZ Datasheet HTML 8Page - Analog Devices ADM3074EYRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 3 of 20
The driver outputs of the 250 kbps and 500 kbps devices are slew
rate limited to reduce EMI and data errors caused by reflections
from improperly terminated buses. Excessive power dissipation
caused by bus contention or by output shorting is prevented
with a thermal shutdown circuit.
The parts are fully specified over the industrial temperature
ranges and are available in 8-lead and 14-lead narrow SOIC
packages.
Table 1. Selection Table
Part No.
Half/Full
Duplex
Data Rate
(Mbps)
Slew Rate
Limited
Driver/Receiver
Enable
Low Power
Shutdown
Nodes on
Bus
±15 kV ESD
on Bus Pins
Pin
Count
ADM3070E
Full
0.25
Yes
Yes
Yes
256
Yes
14
ADM3071E
Full
0.25
Yes
No
No
256
Yes
8
ADM3072E
Half
0.25
Yes
Yes
Yes
256
Yes
8
ADM3073E
Full
0.5
Yes
Yes
Yes
256
Yes
14
ADM3074E
Full
0.5
Yes
No
No
256
Yes
8
ADM3075E
Half
0.5
Yes
Yes
Yes
256
Yes
8
ADM3076E
Full
16
No
Yes
Yes
256
Yes
14
ADM3077E
Full
16
No
No
No
256
Yes
8
ADM3078E
Half
16
No
Yes
Yes
256
Yes
8


Numéro de pièce similaire - ADM3074EYRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3074EYRZ AD-ADM3074EYRZ Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3074EYRZ AD-ADM3074EYRZ Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3074EYRZ-REEL7 AD-ADM3074EYRZ-REEL7 Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3074EYRZ-REEL7 AD-ADM3074EYRZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

Description similaire - ADM3074EYRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com