Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM3073EYRZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADM3073EYRZ
Description  3.3 V, 15,-15 kV ESD-Protected
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM3073EYRZ Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADM3073EYRZ Datasheet HTML 4Page - Analog Devices ADM3073EYRZ Datasheet HTML 5Page - Analog Devices ADM3073EYRZ Datasheet HTML 6Page - Analog Devices ADM3073EYRZ Datasheet HTML 7Page - Analog Devices ADM3073EYRZ Datasheet HTML 8Page - Analog Devices ADM3073EYRZ Datasheet HTML 9Page - Analog Devices ADM3073EYRZ Datasheet HTML 10Page - Analog Devices ADM3073EYRZ Datasheet HTML 11Page - Analog Devices ADM3073EYRZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VCC to GND
−0.3 V to +6 V
Digital Input/Output Voltage (DE, RE, DI)
−0.3 V to +6 V
Receiver Output Voltage (RO)
−0.3 V to (VCC + 0.3 V)
Driver Output (A, B, Y, Z)/Receiver
Input (A, B) Voltage
−8 V to +13 V
Driver Output Current
±250 mA
Operating Temperature Range
ADM307xEA
−40°C to +85°C
ADM307xEY
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
θJA Thermal Impedance
8-Lead SOIC_N
158°C/W
14-Lead SOIC_N
120°C/W
Lead Temperature, Soldering (20 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Numéro de pièce similaire - ADM3073EYRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3073EYRZ AD-ADM3073EYRZ Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3073EYRZ AD-ADM3073EYRZ Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3073EYRZ-REEL7 AD-ADM3073EYRZ-REEL7 Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3073EYRZ-REEL7 AD-ADM3073EYRZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

Description similaire - ADM3073EYRZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com