Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9600BCPZ-105 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD9600BCPZ-105
Description  10-Bit, 105 MSPS/125 MSPS/150 MSPS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9600BCPZ-105 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD9600BCPZ-105 Datasheet HTML 5Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 6Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 7Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 8Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 9Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 10Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 11Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 12Page - Analog Devices AD9600BCPZ-105 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
AD9600
Rev. B | Page 9 of 72
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, −1.0 dBFS differential input, 1.0 V internal reference, DCS
enabled, unless otherwise noted.
Table 4.
Parameter
Temp
AD9600ABCPZ-105/
AD9600BCPZ-105
AD9600ABCPZ-125/
AD9600BCPZ-125
AD9600ABCPZ-150/
AD9600BCPZ-150
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
625
MHz
Conversion Rate
DCS Enabled
Full
20
105
20
125
20
150
MSPS
DCS Disabled
Full
10
105
10
125
10
150
MSPS
CLK Period (tCLK)
Full
9.5
8
6.66
ns
CLK Pulse Width High
Divide-by-1 Mode,
DCS Enabled
Full
2.85
4.75
6.65
2.4
4
5.6
2.0
3.33
4.66
ns
Divide-by-1 Mode,
DCS Disabled
Full
4.28
4.75
5.23
3.6
4
4.4
3.0
3.33
3.66
ns
Divide-by-2 Mode,
DCS Enabled
Full
1.6
1.6
1.6
ns
Divide-by-3 Through Divide-
by-8 Modes, DCS Enabled
Full
0.8
0.8
0.8
ns
DATA OUTPUT PARAMETERS
CMOS Mode—DRVDD = 3.3 V
Data Propagation Delay (tPD)1
Full
2.2
4.5
6.4
2.2
4.5
6.4
2.2
4.5
6.4
ns
DCO Propagation Delay (tDCO)
Full
3.8
5.0
6.8
3.8
5.0
6.8
3.8
5.0
6.8
ns
Setup Time (tS)
Full
5.25
4.5
3.83
ns
Hold Time (tH)
Full
4.25
3.5
2.83
ns
CMOS Mode—DRVDD = 1.8 V
Data Propagation Delay (tPD)1
Full
2.4
5.2
6.9
2.4
5.2
6.9
2.4
5.2
6.9
ns
DCO Propagation Delay (tDCO)
Full
4.0
5.6
7.3
4.0
5.6
7.3
4.0
5.6
7.3
ns
Setup Time (tS)
Full
5.25
4.5
3.83
ns
Hold Time (tH)
Full
4.25
3.5
2.83
ns
LVDS Mode—DRVDD = 1.8 V
Data Propagation Delay (tPD)1
Full
3.0
3.7
4.4
3.0
3.8
4.5
3.0
3.8
4.5
ns
DCO Propagation Delay (tDCO)
Full
5.2
6.4
7.6
5.0
6.2
7.4
4.8
5.9
7.3
ns
CMOS Mode Pipeline Delay
(Latency)
Full
12
12
12
Cycles
LVDS Mode Pipeline Delay
(Latency) Channel A/Channel B
Full
12/12.5
12/12.5
12/12.5
Cycles
Aperture Delay (tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
0.1
0.1
ps rms
Wake-Up Time2
Full
350
350
350
μs
OUT-OF-RANGE RECOVERY TIME
Full
2
3
3
Cycles
1 Output propagation delay is measured from the CLK+ and CLK− pins 50% transition to the output data pins 50% transition, with 5 pF load.
2 Wake-up time is dependent on the value of the decoupling capacitors.


Numéro de pièce similaire - AD9600BCPZ-105

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9600BCPZ-105 AD-AD9600BCPZ-105 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
More results

Description similaire - AD9600BCPZ-105

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
AD9253 AD-AD9253 Datasheet
1Mb / 40P
   Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9760 AD-AD9760_15 Datasheet
413Kb / 23P
   10-Bit, 125 MSPS
REV. B
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com