Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8622ARMZ-REEL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8622ARMZ-REEL
Description  Low Power, Precision Rail-to-Rail Output Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8622ARMZ-REEL Fiches technique(HTML) 5 Page - Analog Devices

  AD8622ARMZ-REEL Datasheet HTML 1Page - Analog Devices AD8622ARMZ-REEL Datasheet HTML 2Page - Analog Devices AD8622ARMZ-REEL Datasheet HTML 3Page - Analog Devices AD8622ARMZ-REEL Datasheet HTML 4Page - Analog Devices AD8622ARMZ-REEL Datasheet HTML 5Page - Analog Devices AD8622ARMZ-REEL Datasheet HTML 6Page - Analog Devices AD8622ARMZ-REEL Datasheet HTML 7Page - Analog Devices AD8622ARMZ-REEL Datasheet HTML 8Page - Analog Devices AD8622ARMZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8622/AD8624
Rev. C | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Input Voltage
±V
SY
Input Current1
±10 mA
Differential Input Voltage2
±10 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1 The input pins have clamp diodes to the power supply pins. The input
current should be limited to 10 mA or less whenever input signals exceed
the power supply rail by 0.5 V.
2 Differential input voltage is limited to 10 V or the supply voltage, whichever is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. This
was measured using a standard 4-layer board.
Table 3. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
8-Lead SOIC_N (R-8)
120
45
°C/W
8-Lead MSOP (RM-8)
142
45
°C/W
14-Lead TSSOP (RU-14)
112
35
°C/W
16-Lead LFCSP (CP-16-17)
55
14
°C/W
ESD CAUTION


Numéro de pièce similaire - AD8622ARMZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8622ARMZ-REEL AD-AD8622ARMZ-REEL Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
More results

Description similaire - AD8622ARMZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com