Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8361ARM Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8361ARM
Description  LF to 2.5 GHz TruPwr Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8361ARM Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8361ARM Datasheet HTML 2Page - Analog Devices AD8361ARM Datasheet HTML 3Page - Analog Devices AD8361ARM Datasheet HTML 4Page - Analog Devices AD8361ARM Datasheet HTML 5Page - Analog Devices AD8361ARM Datasheet HTML 6Page - Analog Devices AD8361ARM Datasheet HTML 7Page - Analog Devices AD8361ARM Datasheet HTML 8Page - Analog Devices AD8361ARM Datasheet HTML 9Page - Analog Devices AD8361ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8361
Rev. C | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT (V rms)
2.8
2.6
0.8
0
0.5
0.1
0.2
0.3
0.4
2.0
1.4
1.2
1.0
2.4
2.2
1.6
1.8
0.6
0.4
0.2
0.0
900MHz
100MHz
1900MHz
2.5GHz
Figure 6. Output vs. Input Level, Frequencies 100 MHz, 900 MHz,
1900 MHz, and 2500 MHz, Supply 2.7 V, Ground Reference Mode, MSOP
INPUT (V rms)
5.5
1.5
0
0.5
0.1
0.2
0.3
0.4
4.0
3.0
2.5
2.0
5.0
4.5
3.5
1.0
0.5
0.0
5.5V
5.0V
3.0V
2.7V
0.6
0.7
0.8
Figure 7. Output vs. Input Level,
Supply 2.7 V, 3.0 V, 5.0 V, and 5.5 V, Frequency 900 MHz
INPUT (V rms)
5.0
1.5
0
0.5
0.1
0.2
0.3
0.4
4.0
3.0
2.5
2.0
4.5
3.5
1.0
0.5
0.0
0.6
0.7
0.8
CW
IS95
REVERSE LINK
WCDMA
4- AND 15-CHANNEL
Figure 8. Output vs. Input Level with
Different Waveforms Sine Wave (CW), IS95 Reverse Link,
W-CDMA 4-Channel and W-CDMA 15-Channel, Supply 5.0 V
INPUT (V rms)
3.0
2.5
–1.0
0.4
(+5dBm)
0.01
1.5
0
–0.5
2.0
0.5
1.0
–1.5
–2.0
–2.5
–3.0
0.1
(–7dBm)
0.02
(–21dBm)
MEAN
±3 SIGMA
Figure 9. Error from Linear Reference vs. Input Level, 3 Sigma to Either Side of
Mean, Sine Wave, Supply 3.0 V, Frequency 900 MHz
INPUT (V rms)
3.0
2.5
–1.0
0.6
(+8.6dBm)
0.01
1.5
0
–0.5
2.0
0.5
1.0
–1.5
–2.0
–2.5
–3.0
0.1
0.02
MEAN
±3 SIGMA
(–7dBm)
(–21dBm)
Figure 10. Error from Linear Reference vs. Input Level, 3 Sigma to Either Side
of Mean, Sine Wave, Supply 5.0 V, Frequency 900 MHz
INPUT (V rms)
3.0
2.5
–1.0
1.0
0.01
0.1
1.5
0.0
–0.5
2.0
0.5
1.0
–1.5
–2.0
–2.5
–3.0
0.02
0.6
0.2
IS95
REVERSE LINK
CW
15-CHANNEL
4-CHANNEL
Figure 11. Error from CW Linear Reference vs. Input with Different Waveforms
Sine Wave (CW), IS95 Reverse Link, W-CDMA 4-Channel and
W-CDMA 15-Channel, Supply 3.0 V, Frequency 900 MHz


Numéro de pièce similaire - AD8361ARM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8361ARM AD-AD8361ARM Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8361ARM AD-AD8361ARM Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361ARM AD-AD8361ARM Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361ARM-REEL AD-AD8361ARM-REEL Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8361ARM-REEL AD-AD8361ARM-REEL Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
More results

Description similaire - AD8361ARM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361 AD-AD8361 Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8364 AD-AD8364 Datasheet
2Mb / 48P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. 0
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com