Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8182-EB Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8182-EB
Description  750 MHz, 3.8 mA 10 ns Switching Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8182-EB Fiches technique(HTML) 4 Page - Analog Devices

  AD8182-EB Datasheet HTML 1Page - Analog Devices AD8182-EB Datasheet HTML 2Page - Analog Devices AD8182-EB Datasheet HTML 3Page - Analog Devices AD8182-EB Datasheet HTML 4Page - Analog Devices AD8182-EB Datasheet HTML 5Page - Analog Devices AD8182-EB Datasheet HTML 6Page - Analog Devices AD8182-EB Datasheet HTML 7Page - Analog Devices AD8182-EB Datasheet HTML 8Page - Analog Devices AD8182-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
REV. B
AD8180/AD8182–Typical Performance Curves
500mV
/DIV
5ns/DIV
Figure 4. Channel Switching Characteristics
DUT OUT
250mV
/DIV
10ns/DIV
Figure 5. Enable and Disable Switching Characteristics
50mV
/DIV
25ns/DIV
Figure 6. Channel Switching Transient (Glitch)
–7
0
–1
–2
–3
–4
–5
–6
VIN = 50mV rms
RL = 5k
RS = 0
1
8180R
8182R
1M
10M
100M
1G
FREQUENCY – Hz
Figure 7. Small Signal Frequency Response
–0.4
1.0
0.8
0.6
0.4
0.2
0.0
–0.2
VIN = 50mV rms
RL = 5k
RS = 0
8180R
8182R
1M
10M
100M
1G
FREQUENCY – Hz
Figure 8. Gain Flatness vs. Frequency
FREQUENCY – Hz
1M
1G
10M
100M
3
0
–27
–3
–6
–9
–12
–15
–18
–21
–24
VIN = 1.0V rms
VIN = 0.5V rms
VIN = 0.25V rms
VIN = 125mV rms
VIN = 62.5mV rms
RL = 1k
Figure 9. Large Signal Frequency Response


Numéro de pièce similaire - AD8182-EB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8182-EB AD-AD8182-EB Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182-EB AD-AD8182-EB Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
More results

Description similaire - AD8182-EB

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
   1 MHz, 750 mA Buck Regulator
REV. PrK 3/28/02
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com