Moteur de recherche de fiches techniques de composants électroniques |
|
AD8033ARZ-REEL Fiches technique(PDF) 1 Page - Analog Devices |
|
AD8033ARZ-REEL Fiches technique(HTML) 1 Page - Analog Devices |
1 / 25 page Low Cost, 80 MHz FastFET Op Amps AD8033/AD8034 Rev. D Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2002–2008 Analog Devices, Inc. All rights reserved. FEATURES FET input amplifier 1 pA typical input bias current Very low cost High speed 80 MHz, −3 dB bandwidth (G = +1) 80 V/μs slew rate (G = +2) Low noise 11 nV/√Hz (f = 100 kHz) 0.7 fA/√Hz (f = 100 kHz) Wide supply voltage range: 5 V to 24 V Low offset voltage: 1 mV typical Single-supply and rail-to-rail output High common-mode rejection ratio: −100 dB Low power: 3.3 mA/amplifier typical supply current No phase reversal Small packaging: 8-lead SOIC, 8-lead SOT-23, and 5-lead SC70 APPLICATIONS Instrumentation Filters Level shifting Buffering GENERAL DESCRIPTION The AD8033/AD8034 FastFET™ amplifiers are voltage feedback amplifiers with FET inputs, offering ease of use and excellent performance. The AD8033 is a single amplifier and the AD8034 is a dual amplifier. The AD8033/AD8034 FastFET op amps in Analog Devices, Inc., proprietary XFCB process offer significant performance improvements over other low cost FET amps, such as low noise (11 nV/√Hz and 0.7 fA/√Hz) and high speed (80 MHz bandwidth and 80 V/μs slew rate). With a wide supply voltage range from 5 V to 24 V and fully operational on a single supply, the AD8033/AD8034 amplifiers work in more applications than similarly priced FET input amplifiers. In addition, the AD8033/AD8034 have rail-to-rail outputs for added versatility. Despite their low cost, the amplifiers provide excellent overall performance. They offer a high common-mode rejection of −100 dB, low input offset voltage of 2 mV maximum, and low noise of 11 nV/√Hz. CONNECTION DIAGRAMS NC 1 –IN 2 +IN 3 –VS 4 NC 8 +VS 7 VOUT 6 NC 5 NC = NO CONNECT AD8033 VOUT 1 +IN 3 –VS 2 +VS 5 –IN 4 AD8033 Figure 1. 8-Lead SOIC (R) Figure 2. 5-Lead SC70 (KS) VOUT1 1 –IN1 2 +IN1 3 –VS 4 +VS 8 VOUT2 7 –IN2 6 +IN2 5 AD8034 Figure 3. 8-Lead SOIC (R) and 8-Lead SOT-23 (RJ) 100 0.1 1 FREQUENCY (MHz) 21 18 –9 15 12 9 6 3 0 –3 –6 24 G = +5 1000 G = +1 VOUT = 200mV p-p G = +10 G = +2 G = –1 10 Figure 4. Small Signal Frequency Response The AD8033/AD8034 amplifiers only draw 3.3 mA/amplifier of quiescent current while having the capability of delivering up to 40 mA of load current. The AD8033 is available in a small package 8-lead SOIC and a small package 5-lead SC70. The AD8034 is also available in a small package 8-lead SOIC and a small package 8-lead SOT-23. They are rated to work over the industrial temperature range of −40°C to +85°C without a premium over commercial grade products. |
Numéro de pièce similaire - AD8033ARZ-REEL |
|
Description similaire - AD8033ARZ-REEL |