Moteur de recherche de fiches techniques de composants électroniques |
|
AD7742BN Fiches technique(PDF) 2 Page - Analog Devices |
|
AD7742BN Fiches technique(HTML) 2 Page - Analog Devices |
2 / 12 page REV. 0 –2– AD7741–SPECIFICATIONS (VDD = +4.75 V to +5.25 V; VREF = +2.5 V; fCLKIN = 6.144 MHz; all specifications TMIN to TMAX unless otherwise noted.) B and Y Version 1 Parameter 2 Min Typ Max Units Conditions/Comments DC PERFORMANCE Integral Nonlinearity fCLKIN = 200 kHz 3 ±0.012 % of Span 4 fCLKIN = 3 MHz 3 ±0.012 % of Span fCLKIN = 6.144 MHz ±0.024 % of Span VDD > 4.8 V Offset Error ±40 mV Gain Error 0 +0.8 +1.6 % of Span Offset Error Drift 3 ±30 µV/°C Gain Error Drift 3 ±16 ppm of Span/ °C Power Supply Rejection Ratio 3 –63 dB ∆V DD = ±5% ANALOG INPUT 5 Input Current ±50 ±100 nA Input Voltage Range 0 VREF V +2.5 V REFERENCE (REFIN/OUT) REFIN Nominal Input Voltage 2.5 V Input Impedance 6 N/A REFOUT Output Voltage 2.38 2.50 2.60 V Output Impedance 3 1k Ω Reference Drift3 ±50 ppm/ °C Line Rejection –60 dB Reference Noise (0.1 Hz to 10 Hz) 3 100 µV p-p LOGIC OUTPUT Output High Voltage, VOH 4.0 V Output Sourcing 800 µA7 Output Low Voltage, VOL 0.4 V Output Sinking 1.6 mA 7 Minimum Output Frequency 0.05 fCLKIN Hz VIN = 0 V Maximum Output Frequency 0.45 fCLKIN Hz VIN = VREF LOGIC INPUT PD ONLY Input High Voltage, VIH 2.4 V Input Low Voltage, VIL 0.8 V Input Current ±100 nA Pin Capacitance 6 10 pF CLKIN ONLY Input High Voltage, VIH 3.5 V Input Low Voltage, VIL 0.8 V Input Current ±2 µA Pin Capacitance 6 10 pF CLOCK FREQUENCY Input Frequency 6.144 MHz For Specified Performance POWER REQUIREMENTS VDD 4.75 5.25 V IDD (Normal Mode) 8 mA Output Unloaded IDD (Power-Down) 15 35 µA Power-Up Time 3 30 µs Coming Out of Power-Down Mode NOTES 1Temperature ranges: B Version –40 °C to +85°C: Y Version: –40°C to +105°C. 2See Terminology. 3Guaranteed by design and characterization, not production tested. 4Span = Maximum Output Frequency–Minimum Output Frequency. 5The absolute voltage on the input pin must not go more positive than V DD – 2.25 V or more negative than GND. 6Because this pin is bidirectional, any external reference must be capable of sinking/sourcing 400 µA in order to overdrive the internal reference. 7These logic levels apply to CLKOUT only when it is loaded with one CMOS load. Specifications subject to change without notice. |
Numéro de pièce similaire - AD7742BN |
|
Description similaire - AD7742BN |