Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7476AAKSZ-500RL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD7476AAKSZ-500RL7
Description  2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7476AAKSZ-500RL7 Fiches technique(HTML) 4 Page - Analog Devices

  AD7476AAKSZ-500RL7 Datasheet HTML 1Page - Analog Devices AD7476AAKSZ-500RL7 Datasheet HTML 2Page - Analog Devices AD7476AAKSZ-500RL7 Datasheet HTML 3Page - Analog Devices AD7476AAKSZ-500RL7 Datasheet HTML 4Page - Analog Devices AD7476AAKSZ-500RL7 Datasheet HTML 5Page - Analog Devices AD7476AAKSZ-500RL7 Datasheet HTML 6Page - Analog Devices AD7476AAKSZ-500RL7 Datasheet HTML 7Page - Analog Devices AD7476AAKSZ-500RL7 Datasheet HTML 8Page - Analog Devices AD7476AAKSZ-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7476A/AD7477A/AD7478A
Rev. F | Page 4 of 28
Parameter
A Grade2
B Grade2
Y Grade2
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
VDD – 0.2
VDD – 0.2
VDD – 0.2
V min
ISOURCE = 200 μA; VDD = 2.35 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
±1
±1
μA max
Floating-State Output Capacitance6
5
5
5
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
800
800
800
ns max
16 SCLK cycles
Track-and-Hold Acquisition Time3
250
250
250
ns max
Throughput Rate
1
1
1
MSPS max
See Serial Interface section
POWER REQUIREMENTS
VDD
2.35/5.25
2.35/5.25
2.35/5.25
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Static)
2.5
2.5
2.5
mA typ
VDD = 4.75 V to 5.25 V, SCLK on or off
1.2
1.2
1.2
mA typ
VDD = 2.35 V to 3.6 V, SCLK on or off
Normal Mode (Operational)
3.5
3.5
3.5
mA max
VDD = 4.75 V to 5.25 V, fSAMPLE = 1 MSPS
1.7
1.7
1.7
mA max
VDD = 2.35 V to 3.6 V, fSAMPLE = 1 MSPS
Full Power-Down Mode (Static)
1
1
1
μA max
Typically 50 nA
Full Power-Down Mode (Dynamic)
0.6
0.6
0.6
mA typ
VDD = 5 V, fSAMPLE = 100 kSPS
Power Dissipation7
0.3
0.3
0.3
mA typ
VDD = 3 V, fSAMPLE = 100 kSPS
Normal Mode (Operational)
17.5
17.5
17.5
mW max
VDD = 5 V, fSAMPLE = 1 MSPS
5.1
5.1
5.1
mW max
VDD = 3 V, fSAMPLE = 1 MSPS
Full Power-Down Mode
5
5
5
μW max
VDD = 5 V
3
3
3
μW max
VDD = 3 V
1
Temperature ranges are as follows: A, B grades from –40°C to +85°C, Y grade from –40°C to +125°C.
2
Operational from VDD = 2.0 V, with input low voltage (VINL) 0.35 V maximum.
3
See the Terminology section.
4
B and Y grades, maximum specifications apply as typical figures when VDD = 4.75 V to 5.25 V.
5
SC70 values guaranteed by characterization.
6
Guaranteed by characterization.
7
See the Power vs. Throughput Rate section.


Numéro de pièce similaire - AD7476AAKSZ-500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7476AAKS-500RL7 AD-AD7476AAKS-500RL7 Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7476AAKS-REEL AD-AD7476AAKS-REEL Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7476AAKS-REEL7 AD-AD7476AAKS-REEL7 Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
More results

Description similaire - AD7476AAKSZ-500RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com