Moteur de recherche de fiches techniques de composants électroniques |
|
PZTA13 Fiches technique(PDF) 11 Page - Fairchild Semiconductor |
|
PZTA13 Fiches technique(HTML) 11 Page - Fairchild Semiconductor |
11 / 13 page Dimensions are in millimeter Pkg type A0 B0 W D0 D1 E1 E2 F P1 P0 K0 T Wc Tc SOT-223 (12mm) 6.83 +/-0.10 7.42 +/-0.10 12.0 +/-0.3 1.55 +/-0.05 1.50 +/-0.10 1.75 +/-0.10 10.25 min 5.50 +/-0.05 8.0 +/-0.1 4.0 +/-0.1 1.88 +/-0.10 0.292 +/- 0.0130 9.5 +/-0.025 0.06 +/-0.02 P1 A0 D1 P0 F W E1 D0 E2 B0 Tc Wc K0 T Dimensions are in inches and millimeters Tape Size Reel Option Dim A Dim B Dim C Dim D Dim N Dim W1 Dim W2 Dim W3 (LSL-USL) 12mm 7" Dia 7.00 177.8 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 5.906 150 0.488 +0.078/-0.000 12.4 +2/0 0.724 18.4 0.469 – 0.606 11.9 – 15.4 12mm 13" Dia 13.00 330 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 7.00 178 0.488 +0.078/-0.000 12.4 +2/0 0.724 18.4 0.469 – 0.606 11.9 – 15.4 See detail AA Dim A max 13" Diameter Option 7" Diameter Option Dim A Max See detail AA W3 W2 max Measured at Hub W1 Measured at Hub Dim N Dim D min Dim C B Min DETAIL AA Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum Sketch C (Top View) Component lateral movement Typical component cavity center line 20 deg maximum Typical component center line B0 A0 Sketch B (Top View) Component Rotation Sketch A (Side or Front Sectional View) Component Rotation User Direction of Feed SOT-223 Embossed Carrier Tape Configuration: Figure 3.0 SOT-223 Reel Configuration: Figure 4.0 SOT-223 Tape and Reel Data and Package Dimensions, continued July 1999, Rev. B |
Numéro de pièce similaire - PZTA13 |
|
Description similaire - PZTA13 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |