Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLD302V-25 Fiches technique(PDF) 1 Page - Roithner LaserTechnik GmbH

No de pièce SLD302V-25
Description  200mW High Power Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SLD302V-25 Fiches technique(HTML) 1 Page - Roithner LaserTechnik GmbH

  SLD302V-25 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SLD302V-25 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SLD302V-25 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SLD302V-25 Datasheet HTML 4Page - Roithner LaserTechnik GmbH SLD302V-25 Datasheet HTML 5Page - Roithner LaserTechnik GmbH SLD302V-25 Datasheet HTML 6Page - Roithner LaserTechnik GmbH SLD302V-25 Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
200mW High Power Laser Diode
Description
The SLD302V is a gain-guided, high-power laser diodes fabricated by MOCVD.
MOCVD: Metal Organic Chemical Vapor Deposition
Features
• High power
Recommended power output
Po = 180mW
• Low operating current
Applications
• Solid state laser excitation
• Medical use
Structure
GaAlAs double-hetero-type laser diode
Operating Lifetime
MTTF 10,000H (effective value) at Po = 180mW, Tc = 25°C
Absolute Maximum Ratings (Tc = 25°C)
• Optical power output
Po
200
mW
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature
Topr
–10 to +50
°C
• Storage temperature
Tstg
–40 to +85
°C
Warranty
This warranty period shall be 90 days after receipt of the product or 1,000 hours operation time whichever is
shorter.
Sony Quality Assurance Department shall analyze any product that fails during said warranty period, and if the
analysis results show that the product failed due to material or manufacturing defects on the part of Sony, the
product shall be replaced free of charge.
Laser diodes naturally have differing lifetimes which follow a Weibull distribution.
Special warranties are also available.
– 1 –
E88060C08-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD302V
2
Bottom View
1. LD cathode
2. PD anode
3. COMMON
1
3
Pin Configuration


Numéro de pièce similaire - SLD302V-25

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD302B SONY-SLD302B Datasheet
63Kb / 7P
   Block-type 200mW High Power Laser Diode
SLD302WT SONY-SLD302WT Datasheet
149Kb / 7P
   200mW HIGH POWER LASER DIODE
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
More results

Description similaire - SLD302V-25

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD302WT SONY-SLD302WT Datasheet
149Kb / 7P
   200mW HIGH POWER LASER DIODE
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD302B SONY-SLD302B Datasheet
63Kb / 7P
   Block-type 200mW High Power Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
RLT1550-30G ROITHNER-RLT1550-30G Datasheet
54Kb / 1P
   high power infrared laser diode
ADL-63V0BTP ROITHNER-ADL-63V0BTP Datasheet
248Kb / 1P
   high power red laser diode
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com