Moteur de recherche de fiches techniques de composants électroniques |
|
3-1734285-1 Fiches technique(PDF) 4 Page - Tyco Electronics |
|
3-1734285-1 Fiches technique(HTML) 4 Page - Tyco Electronics |
4 / 37 page 41 Catalog 82068 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 AMPLIMITE Subminiature D Connectors HD-22 and HD-20 Connectors Performance Characteristics Connector Type HD-20 Mechanical Characteristics Durability .000030 [0.00076] gold—500 cycles Gold Flash—100 cycles HD-20 HD-20 Without With Grounding Grounding Size Indents Indents 4.5 30.0 1 [20.02] [133.5] 7.5 33.0 2 [33.4] [146.8] 12.5 37.0 3 [55.6] [164.6] 18.5 40.0 4 [82.3] [177.9] 25.0 44.0 5 [111.2] [195.7] Cable Connectors Connector Type HDP-22 HDE-20 HDP-20 Electrical Characteristics 22 AWG 20 AWG 20 AWG Contact Current Rating [0.4mm2] [0.6mm2] [0.6mm2] (One pair of contacts) Wire 3 amperes 7.5 amperes 5.0 amperes 15 milliohms 30 milliohms 15 milliohms Termination Resistance (max.) (max.) (max.) Dielectric Withstanding Voltage 1000 VAC min. 1000 VAC min. 1000 VAC min. Insulation Resistance 5000 megohms min. 5000 megohms min. 5000 megohms min. Mechanical Characteristics 3 lb. max. 3 lb. max. Contact Insertion Force [13.34 N max.] N/A [13.34 N max.] 5 lb. min. 7 lb. min. 10 lb. min. Contact Retention [22.24 N min.] [31.14 N min.] [44.48 N min.] Contact Mating Force (Per contact circuit 8 oz. max. 8 oz. max. 8 oz. max. pair) [2.22 N max.] [2.22 N max.] [2.22 N max.] Contact Unmating Force (Per contact .75 oz. min. .75 oz. min. .75 oz. min. circuit pair) [0.209 N min.] [0.209 N min. [0.209 N min.] 20 AWG—9.5 lb. [0.6mm2—42.3 N] 22 AWG—6 lb. 20 AWG—20 lb. [0.4mm2—26.7 N] [0.6mm2—89 N] 22 AWG—12 lb. 24 AWG—4 lb. 22 AWG—12 lb. [0.4mm2—53.4 N] [0.2mm2—17.79 N] [0.4mm2—53.4 N] Tensile Strength 24 AWG—8 lb. 26 AWG—2.5 lb. 24 AWG—8 lb. [0.2mm2—35.6 N] [0.15mm2—11.12 N] [0.2mm2—35.6 N] 26 AWG—4.5 lb. 28 AWG—2.5 lb. 26 AWG—4.5 lb. [0.15mm2—20.02 N] [0.08mm2—11.12 N] [0.15mm2—20.02 N] 28 AWG—2.7 lb. 30 AWG—1 lb. 28 AWG—2.7 lb. [0.08mm2—12.01 N] [0.05mm2—4.45 N] [0.08mm2—12.01 N] .000030 [0.00076] .000030 [0.00076] .000030 [0.00076] gold—500 cycles gold—500 cycles gold—500 cycles Gold Flash— Gold Flash— Gold Flash— Durability 100 cycles 100 cycles 100 cycles Environmental Characteristics Random Random Random Vibration 20 G’s rms max. 20 G’s rms max. 20 G’s rms max. Physical Shock 50 G’s Duration 11 ms 50 G’s Duration 11 ms 50 G’s Duration 11 ms Connector Type HD-20 Electrical Characteristics Single Contact Current Rating 18 AWG 6.0 amperes (30°C Rise) Duration 11 ms 24 AWG 4.3 amperes 28 AWG 2.9 amperes 15 milliohms* Termination Resistance (max.) Dielectric Withstanding Voltage 1000 VAC min.** Insulation Resistance 5000 megohms min. Connector Mating and Unmating Force (lbs. max. over [N max.]) **Stacked Connectors—30 milliohms (max.) **Stacked Connectors—500 VAC min. Board Mount Connectors |
Numéro de pièce similaire - 3-1734285-1 |
|
Description similaire - 3-1734285-1 |